PVG3G103C01B00
AI

### Electronic Overview: PVG3G103C01B00
The **PVG3G103C01B00** is a specific model of a **Trimmer Potentiometer** manufactured by Murata Electronics. It is a precision variable resistor commonly used for fine-tuning circuit parameters during the manufacturing or maintenance phase.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Trimmer Potentiometer (Variable Resistor) |
| **Resistance Value** | 10 kΩ (indicated by "103") |
| **Resistance Tolerance** | ±20% |
| **Power Rating** | 0.25W (at 70°C) |
| **Number of Turns** | Single-Turn |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Adjustment Type** | Top Adjustment |
| **Operating Temp Range** | -55°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **PVG3**: Series identifier (3mm Square Lead Frame SMD).
* **G**: Style/Terminal shape (G-wing terminals for surface mounting).
* **103**: Resistance code. The first two digits (10) are significant figures, and the third (3) is the multiplier ($10^3$). $10 \times 1,000 = 10,000\Omega$ or **10kΩ**.
* **C01**: Internal manufacturing/designator code.
* **B00**: Packaging code (Bulk packaging).
---
### 3. Physical Construction
* **Sealed Structure:** This component is hermetically sealed to withstand high-temperature soldering processes (like reflow soldering) and cleaning solvents.
* **Cermet Element:** It utilizes a **cermet** (ceramic-metal) resistive element, which provides better stability and a lower temperature coefficient than standard carbon potentiometers.
* **Miniature Footprint:** Measuring approximately 3mm x 3.6mm, it is designed for high-density PCB layouts.
---
### 4. Common Applications
Since this is a "set-and-forget" component rather than a user-facing volume knob, it is found in:
1. **Sensor Calibration:** Adjusting the threshold or sensitivity of an analog sensor.
2. **Power Supplies:** Fine-tuning the output voltage of a DC-DC converter.
3. **LCD Contrast:** Setting the bias voltage for display clarity.
4. **Operational Amplifiers:** Adjusting the gain or offset voltage in precision analog circuits.
---
- ⤷What is the difference between cermet and carbon resistive elements?
- ⤷ How do I interpret the power derating curve for this part?
- ⤷ What are the recommended reflow soldering profiles for the PVG3 series?