PVG3G103C01R00
AI

### Product Overview: PVG3G103C01R00
The **PVG3G103C01R00** is a high-precision, surface-mount (SMD) trimmer potentiometer manufactured by **Murata Electronics**. It is part of the PVG3 series, designed for compact electronic circuits that require fine-tuning of resistance values.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Resistance Value** | 10 kΩ (103) |
| **Resistance Tolerance** | ±10% |
| **Power Rating** | 0.25 W (1/4 W) at 70°C |
| **Number of Turns** | Single Turn (approx. 270°) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Adjustment Type** | Top Adjustment |
| **Temperature Coefficient** | ±100 ppm/°C |
| **Operating Temperature** | -55°C to +125°C |
---
### Key Internal Components
1. **Resistive Element:** Utilizes **Cermet** (Ceramic-Metal) material. Cermet provides excellent stability, low noise, and a high degree of reliability compared to standard carbon elements.
2. **Wiper:** A mechanical contact arm that moves along the resistive track to vary the output voltage or resistance.
3. **Housing:** A heat-resistant plastic case (usually PPS - Polyphenylene Sulfide) designed to withstand lead-free reflow soldering temperatures.
4. **Terminals:** Lead-free plated terminals for environment-friendly soldering compliance.
---
### Part Number Breakdown
The part number `PVG3G103C01R00` can be decoded as follows:
* **PVG3**: Series identifier (3mm Square SMT Trimmer).
* **G**: Terminal shape/style (G-wing style for surface mounting).
* **103**: Resistance code (10 + three zeros = 10,000 Ω or 10 kΩ).
* **C01**: Internal custom/standard designator.
* **R00**: Packaging code (usually refers to standard tape and reel).
---
### Common Applications
* **Industrial Equipment:** Calibrating sensors and measuring instruments.
* **Telecommunications:** Fine-tuning RF circuits and signal gain.
* **Consumer Electronics:** Adjusting display brightness or audio output levels at the factory level.
* **Medical Devices:** Precision voltage regulation in diagnostic tools.
---
- ⤷
What are the footprints and soldering patterns recommended for the PVG3 series?
- ⤷ How does a cermet element compare to a carbon element in terms of lifespan?
- ⤷ Is the PVG3G103C01R00 sealed for ultrasonic cleaning after soldering?