PVM4A103C01R00
AI

## PVM4A103C01R00 Component Overview
The **PVM4A103C01R00** is a specific electronic component manufactured by **Murata Electronics**. It belongs to the family of **Trimmer Potentiometers** (often called "trimpots"). These are miniature variable resistors used for initial calibration or periodic adjustments in electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | SMT (Surface Mount) Trimmer Potentiometer |
| **Resistance Value** | 10 kΩ (10,000 Ohms) |
| **Resistance Tolerance** | ±25% |
| **Power Rating** | 0.1W (at 70°C) |
| **Number of Turns** | Single Turn (approx. 270°) |
| **Adjustment Direction** | Top Adjustment |
| **Size / Dimension** | 4mm Square (4.5mm x 4.8mm footprint) |
| **Operating Temperature** | -25°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the Murata naming convention for this series helps identify its characteristics:
1. **PVM4A**: Series designation (4mm Surface Mount, Lead-free type).
2. **103**: Resistance code. The first two digits (10) are significant figures, and the third (3) is the multiplier (10^3). $10 \times 1000 = 10,000 \Omega$.
3. **C01**: Internal design/structural code.
4. **R00**: Packaging code (Standard plastic tape and reel).
---
### 3. Physical Construction
The PVM4A series is designed for automated assembly. Key physical features include:
* **Carbon Element:** The resistive material is typically a carbon film deposited on a ceramic substrate.
* **Wiper:** A metal contact that moves along the carbon track when the top slot is turned.
* **Reflow Solderable:** Designed to withstand the high temperatures of SMD reflow soldering ovens.
---
### 4. Common Applications
Since this is a "set-and-forget" component rather than a user-facing volume knob, it is found in:
* **LCD Contrast Adjustment:** Tuning the clarity of small displays.
* **Sensor Calibration:** Zeroing out the offset of an analog sensor.
* **Power Supplies:** Fine-tuning the output voltage of a DC-DC converter.
* **Communication Equipment:** Adjusting signal gain or frequency filters.
---
### 5. Installation Note
When using the **PVM4A103C01R00**, ensure you use a **non-conductive (ceramic or plastic) adjustment tool**. Metal screwdrivers can introduce electrical noise or cause a short circuit during the calibration process.
- ⤷
What are the footprints or land patterns recommended for the PVM4A series?
- ⤷ Is there a multi-turn version of this potentiometer for higher precision?
- ⤷ What are the storage requirements to prevent degradation of the carbon element?