PWC-1206LF-R-F
AI

The **PWC-1206LF-R-F** is a specific surface-mount electronic component. Based on the part numbering convention (commonly used by manufacturers like TT Electronics/Welwyn), this is a **Pulse Withstanding Chip Resistor**.
Below is a detailed breakdown of its technical specifications and physical characteristics.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific details about the component's architecture:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **PWC** | Series | Pulse Withstanding Chip (High power surge capability) |
| **1206** | Case Size | Physical dimensions (approx. 3.2mm x 1.6mm) |
| **LF** | Lead-Free | RoHS compliant, uses Matte Tin finish |
| **R** | Resistance | Represents the decimal point (e.g., 1R0 = 1.0 $\Omega$) |
| **F** | Tolerance | $\pm 1\%$ Precision |
---
### 2. Technical Specifications
These resistors are designed to handle high-energy pulses that would typically destroy a standard thick-film resistor of the same size.
| Parameter | Specification |
| :--- | :--- |
| **Power Rating** | 0.33 Watts (standard) up to 0.5 Watts (at $70^\circ C$) |
| **Resistance Range** | Typically $1 \Omega$ to $10 M\Omega$ (depending on full code) |
| **Operating Temp** | $-55^\circ C$ to $+155^\circ C$ |
| **Max Working Voltage** | 200V |
| **Pulse Performance** | Capable of withstanding $1.2/50\mu s$ and $10/700\mu s$ pulses |
---
### 3. Key Features & Applications
#### Key Features
* **Enhanced Surge Capacity:** Special construction allows the resistive element to dissipate sudden bursts of energy without "hot-spotting."
* **Thick Film Technology:** Built using a robust metal glaze on a high-grade ceramic body.
* **Wraparound Terminations:** Features an inner leach-resistant layer to ensure solder integrity during manufacturing.
#### Common Applications
* **Power Supplies:** Used as a sensing or limiting resistor in SMPS.
* **Motor Control:** Protects circuitry from back-EMF or inrush currents.
* **Telecommunications:** Protection against lightning surges or line interference.
* **Automotive:** Withstands transient voltages in vehicle electronics.
---
### 4. Layout and Footprint
For PCB design (EDA/CAD), use the standard **1206 (3216 Metric)** footprint:
```text
Dimensions (mm):
L: 3.20 ± 0.20
W: 1.60 ± 0.15
T: 0.55 ± 0.10
```
---
- ⤷What is the peak pulse power limit for the PWC-1206 series?
- ⤷ How does a 'Pulse Withstanding' resistor differ from a standard thick-film resistor?
- ⤷ Can this resistor be used in AEC-Q200 automotive applications?