PWC2010AS-RFI
AI

The **PWC2010AS-RFI** refers to a specific variation of a **Pulse Withstanding Chip Resistor** (PWC series), typically manufactured by companies like TT Electronics/Welwyn. This component is engineered to handle high-energy surges that would standardly destroy a general-purpose thick film resistor.
---
## 1. Technical Specifications
The "PWC2010AS" designation provides specific information about the physical and electrical characteristics of the part:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | PWC | Pulse Withstanding Chip |
| **Case Size** | 2010 | Metric equivalent 5025 (5.0mm x 2.5mm) |
| **Power Rating** | 0.75W | Nominal power dissipation at 70°C |
| **Resistance Range** | Varies (e.g., 1Ω to 10MΩ) | Check specific R-value suffix |
| **Tolerance** | Usually 0.5% to 5% | Precision levels available |
| **Suffix (RFI)** | Lead-Free/RoHS | Indicates compliance with environmental standards |
---
## 2. Key Electronic Features
### Pulse Handling Capability
Unlike standard resistors, the PWC series uses a specialized **thick film ink** and a specific laser trimming pattern. Standard resistors often use a "L-cut" which creates hot spots; the PWC series uses techniques to distribute the pulse energy across the entire surface area, preventing localized overheating.
### Voltage Withstanding
The 2010 package is rated for higher isolation and working voltages compared to smaller 0805 or 1206 packages. This makes it suitable for:
* **Limiting Inrush Current:** Handling the initial spike when capacitors charge.
* **Protection:** Acting as a sacrificial or robust element in lightning strike or ESD-prone circuits.
### Thermal Performance
The 2010 footprint provides a large solder pad area, which aids in **thermal conduction** from the resistive element to the PCB copper planes, allowing for better heat dissipation during repetitive pulsing.
---
## 3. Circuit Application Example
In a power supply design, this part might be used as a sense resistor or a snubber component.
```cpp
// Logic for selecting a PWC resistor in a circuit
if (pulse_energy > standard_resistor_limit) {
use_component("PWC2010AS");
ensure_pad_size("5.0mm x 2.5mm");
check_operating_temp("-55C to +155C");
}
```
---
## 4. Part Number Breakdown
* **PWC:** Pulse Withstanding Chip.
* **2010:** Package size (0.20 x 0.10 inches).
* **AS:** Anti-Sulfur (often implied in modern AS series for harsh environments).
* **RFI:** Refers to the packaging or RoHS compliance status (Tape & Reel, Lead-Free).
- ⤷
How does the pulse energy rating of the PWC2010 compare to a standard 2010 resistor?
- ⤷ What are the common failure modes for pulse-withstanding resistors?
- ⤷ Can this part be used in automotive AEC-Q200 applications?