AI

## Overview of QBLP653-R
The **QBLP653-R** is a high-brightness Red Surface Mount Device (SMD) LED manufactured by **QT-Brightek**. It belongs to the 1206 package size category, which is widely used in electronic displays, status indicators, and backlight applications due to its balance between size and ease of soldering.
---
### Key Technical Specifications
The following table summarizes the primary electrical and optical characteristics of the QBLP653-R (typically measured at $I_F = 20mA$).
| Parameter | Specification | Unit |
| :--- | :--- | :--- |
| **Emitted Color** | Red | - |
| **Dominant Wavelength** | 620 - 630 | nm |
| **Luminous Intensity ($I_v$)** | 80 - 160 (Typical) | mcd |
| **Forward Voltage ($V_F$)** | 1.7 - 2.5 | V |
| **Forward Current ($I_F$)** | 20 | mA |
| **Viewing Angle ($2\theta_{1/2}$)** | 140 | Degrees |
| **Package Size** | 3.2 x 1.6 x 1.1 (1206) | mm |
---
### Component Features
1. **Package Type:** 1206 SMD (Surface Mount Device). The "1206" refers to the dimensions (0.12 x 0.06 inches).
2. **Clear Lens:** The component features a water-clear epoxy lens, which allows for a high-intensity, focused output compared to diffused lenses.
3. **Wide Viewing Angle:** With a $140^{\circ}$ viewing angle, the light distribution is broad, making it ideal for backlighting buttons or panels.
4. **Reliability:** Built using AlGaInP (Aluminium Gallium Indium Phosphide) technology, which offers high efficiency and long life.
---
### Application Circuit Example
To use the QBLP653-R with a 5V microcontroller (like an Arduino), a current-limiting resistor is required.
**Calculation:**
$R = \frac{V_{source} - V_F}{I_F} = \frac{5V - 2.0V}{0.02A} = 150 \Omega$
```cpp
// Example: Blinking a status LED on a PCB
void setup() {
pinMode(13, OUTPUT); // Connected to QBLP653-R via 150 ohm resistor
}
void loop() {
digitalWrite(13, HIGH); // LED ON
delay(1000);
digitalWrite(13, LOW); // LED OFF
delay(1000);
}
```
---
### Common Applications
* **Industrial:** Status indicators on control panels.
* **Consumer Electronics:** Backlighting for LCDs and switches.
* **Automotive:** Dashboard lighting and interior accents.
* **Computing:** Network activity indicators (Routers/Modems).
- ⤷
What is the maximum pulse current supported by the QBLP653-R?
- ⤷ How does the luminous intensity change if the forward current is reduced to 5mA?
- ⤷ What are the soldering temperature profiles recommended for this SMD package?