QBLP653R-R
AI

## QBLP653R-R Component Overview
The **QBLP653R-R** is a specific surface-mount (SMD) Light Emitting Diode (LED) manufactured by **QT-Brightek**. It belongs to the 1206 package size category and is widely used for status indication in various electronic devices.
---
### Technical Specifications
The following table outlines the primary electrical and optical characteristics of the QBLP653R-R:
| Parameter | Specification |
| :--- | :--- |
| **LED Color** | Red |
| **Package Size** | 1206 (3.2 x 1.6 x 1.1 mm) |
| **Peak Wavelength** | 630 nm |
| **Luminous Intensity** | 80 - 160 mcd @ 20mA |
| **Forward Voltage ($V_f$)** | 2.0V (Typical) |
| **Forward Current ($I_f$)** | 20 mA |
| **Viewing Angle** | 140 Degrees |
| **Lens Type** | Water Clear |
---
### Key Internal Components
1. **LED Die (AlGaInP):** The light-emitting material is typically Aluminum Gallium Indium Phosphide, which is efficient for producing the red spectrum.
2. **Substrate:** A ceramic or epoxy-based PCB carrier that holds the die and provides the electrical contact pads.
3. **Encapsulant:** A clear epoxy or silicone resin that protects the die from oxidation and physical damage while allowing light to pass through.
4. **Terminations:** Gold or Tin-plated contact pads on the bottom of the package for SMT (Surface Mount Technology) soldering.
---
### Circuit Integration Considerations
When designing a circuit for the QBLP653R-R, it is essential to use a current-limiting resistor to prevent thermal runaway.
#### Example Calculation:
If using a **5V** power supply:
* **Target Current:** 20mA (0.02A)
* **Forward Voltage ($V_f$):** 2.0V
* **Formula:** $R = (V_{source} - V_f) / I$
* **Result:** $(5V - 2.0V) / 0.02A = 150 \Omega$
#### Pin Configuration (Polarity):
The QBLP653R-R has a clear polarity indicator (usually a green mark or a notch on the cathode side).
* **Anode (+):** Connected to the positive rail via resistor.
* **Cathode (-):** Connected to the ground/negative rail.
---
- ⤷What are the recommended storage conditions for this SMD LED to prevent moisture damage?
- ⤷ Does QT-Brightek offer a blue or green version in the same 1206 package?
- ⤷ What is the maximum pulse current rating for this specific LED?