Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • R10S-R2X1DC

  • AI
    ## Analysis of the R10S-R2X1-DC Relay The **R10S-R2X1-DC** is a specialized, low-profile electromechanical relay commonly manufactured by brands like **TE Connectivity / Potter & Brumfield**. It is widely recognized for its high sensitivity and ability to interface directly with low-power electronic circuits. --- ### 1. Part Number Breakdown To understand the electronic capabilities, we must decode the nomenclature: | Code | Component Segment | Description | | :--- | :--- | :--- | | **R10** | Series | General purpose, low-profile cradle relay. | | **S** | Sensitivity | **Super-sensitive** version (requires very low coil power). | | **R2** | Contact Arrangement | **2 Form C** (DPDT - Double Pole Double Throw). | | **X1** | Mounting/Terminal | PC Board terminals (Plug-in or solder). | | **DC** | Input Type | Direct Current operation. | --- ### 2. Key Electronic Specifications #### A. Coil Characteristics The "S" designation indicates a highly sensitive coil. Unlike standard relays that might require 500mW to 1W to actuate, this series typically operates in the **milliwatt (mW)** range. * **Typical Coil Power:** Often as low as 20mW to 100mW depending on the specific voltage rating. * **Voltage Options:** Available in standard DC voltages (e.g., 5V, 12V, 24V, 48V). #### B. Contact Ratings The contacts are designed for signal switching rather than heavy power loads. * **Contact Configuration:** DPDT (2 Form C). * **Current Rating:** Generally rated for **2 Amperes** at 28VDC or 120VAC. * **Contact Material:** Typically Gold-plated Silver or Silver-Cadmium Oxide, optimized for low contact resistance. #### C. Performance Metrics * **Operating Time:** Approx. 15ms. * **Release Time:** Approx. 10ms. * **Insulation Resistance:** 1,000 MΩ minimum. * **Dielectric Strength:** 500V rms between open contacts; 1,000V rms between all other elements. --- ### 3. Application Use Cases Because of its high sensitivity and DPDT configuration, the R10S-R2X1-DC is found in: 1. **Transistor-driven circuits:** Can often be driven directly by a small NPN/PNP transistor without needing an intermediate power stage. 2. **Telecommunications:** Signal routing and switching. 3. **Battery Powered Equipment:** Where low power consumption during relay engagement is critical. 4. **Control Systems:** Interfacing microprocessors with small motorized or lighting loads. --- ### 4. Circuit Diagram Representation When integrating this part into a schematic, the pinout follows a standard "Cradle" relay pattern: ```text Coil (+) [1] ---- ( ) ---- [2] Coil (-) / Pole 1 (COM) [3] ----o .---- [4] (NC) \ `--- [5] (NO) / Pole 2 (COM) [6] ----o .---- [7] (NC) \ `--- [8] (NO) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the 12V version of this relay?
    • ⤷ Can this relay be used to switch inductive loads like small motors?
    • ⤷ What are the physical dimensions and mounting footprint for the X1 terminal style?