AI

The **R7D-TS4-R** is a specific Servo Drive model within the OMRON **OMNUC G-Series** family. This drive is designed to be paired with a matching AC Servo Motor to provide high-precision motion control.
---
### ## 1. Technical Specifications
The "TS" designation typically refers to a specific pulse-train or analog interface capability within the G-Series lineup.
| Feature | Specification |
| :--- | :--- |
| **Series** | OMNUC G-Series |
| **Input Voltage** | Single-phase 200 to 240 VAC |
| **Power Output** | 400W |
| **Control Method** | IGBT PWM Method / Sinusoidal Drive |
| **Supported Feedback** | 17-bit Incremental/Absolute Encoder |
| **Interface Type** | Pulse Train (Position Control) |
---
### ## 2. Core Electronic Components
The internal and external electronic architecture of the R7D-TS4-R consists of several critical stages:
#### ### A. Power Conversion Stage
* **Rectifier:** Converts the 200V AC input into a high-voltage DC bus.
* **Bus Capacitor:** Smooths the DC voltage ripples and stores energy for rapid motor acceleration.
* **IPM (Intelligent Power Module):** Uses high-speed IGBTs to switch the DC power into a variable-frequency AC output to drive the motor phases (U, V, W).
#### ### B. Logic and Control Processing
* **High-Speed DSP/FPGA:** Processes the PID control loops (Position, Speed, and Torque) with cycle times in the microsecond range.
* **Feedback Circuitry:** Interfaces with the 17-bit encoder to process 131,072 pulses per revolution, ensuring high positioning accuracy.
#### ### C. Input/Output (I/O) Interface
* **CN1 Connector:** The main control signal port. It includes:
* **Pulse/Direction Inputs:** For receiving command signals from a PLC.
* **Digital Inputs:** For Origin Proximity, Limit Switches, and Emergency Stop.
* **Digital Outputs:** For Brake control and Servo Ready signals.
---
### ## 3. Connection Layout
Below is the typical electronic wiring configuration for the R7D-TS4-R:
```mermaid
graph LR
A[AC Power 200V] --> B[L1, L3 Terminals]
B --> C[Internal Rectifier]
D[PLC/Controller] --Pulse/Dir--> E[CN1 Control Port]
F[Encoder] --Feedback--> G[CN2 Encoder Port]
C --> H[U, V, W Output]
H --> I[Servo Motor]
```
---
### ## 4. Protective Electronic Functions
The drive includes several built-in electronic protections to prevent hardware damage:
* **Overcurrent Protection:** Shuts down if the IGBTs detect a short circuit or motor stall.
* **Overvoltage Protection:** Activates if the regenerative energy from the motor exceeds the bus capacitor's capacity.
* **Dynamic Brake:** An internal electronic circuit that shorts the motor windings through a resistor to stop the motor quickly during power loss.
- ⤷
What are the compatible motor models for the R7D-TS4-R?
- ⤷ How do I configure the electronic gear ratio for this drive?
- ⤷ What are the common error codes for the OMNUC G-Series drives?