RA-08-R
AI

The **RA-08-R** is a specialized LoRa (Long Range) communication module developed by Ai-Thinker. It is built around the **ASR6601** SoC, which integrates both an MCU and a LoRa transceiver into a single chip.
Below is a detailed breakdown of its electronic components, specifications, and pinout architecture.
---
### 1. Core Hardware Architecture
The RA-08-R differs from standard LoRa modules by being an "all-in-one" solution.
| Component | Specification |
| :--- | :--- |
| **SoC (System on Chip)** | ASR6601 |
| **MCU Core** | 32-bit RISC-V (up to 48MHz) |
| **Flash Memory** | 128 KB |
| **SRAM** | 16 KB |
| **LoRa Modulation** | LPWAN (LoRa/FSK/GFSK/BPSK) |
| **Frequency Range** | 803MHz ~ 930MHz (supports Global bands) |
---
### 2. Electrical Characteristics
Operating within the correct voltage and current ranges is critical for the stability of the RA-08-R.
| Parameter | Value |
| :--- | :--- |
| **Supply Voltage (VCC)** | 2.7V ~ 3.6V (3.3V recommended) |
| **Transmit Current** | ~108mA @ 22dBm |
| **Receive Current** | ~14mA |
| **Deep Sleep Current** | < 2μA |
| **Max TX Power** | +22 dBm |
---
### 3. Pin Functionality and Interfaces
The RA-08-R uses an **SMD-22** package. It provides various interfaces for peripheral connectivity.
#### Common Interface Blocks:
* **UART:** Used for AT command control or firmware burning.
* **GPIOs:** General purpose I/O pins for sensors or LEDs.
* **I2C / SPI:** For connecting external sensors or displays.
* **ADC:** 12-bit Analog-to-Digital Converter for measuring analog voltages.
#### Pin Mapping Table (Key Pins):
| Pin Name | Type | Description |
| :--- | :--- | :--- |
| **VCC** | Power | 3.3V Power Supply |
| **GND** | Ground | Common Ground |
| **TXD/RXD** | I/O | UART0 Data Transmission/Reception |
| **RESET** | Input | Reset Pin (Active Low) |
| **ANT** | RF | Antenna Output (50 Ohm impedance) |
---
### 4. RF Design Considerations
Because the RA-08-R is a radio frequency device, its electronic environment is sensitive:
1. **Antenna Interface:** The "R" in RA-08-R typically signifies a specific pinout or antenna configuration (often an IPEX connector or a stamp hole for spring antennas).
2. **Impedance Matching:** The RF trace to the antenna should be kept at **50Ω** to prevent signal reflection and loss.
3. **Crystal Oscillator:** The module integrates a high-precision TCXO or Crystal to ensure frequency stability over temperature changes.
---
### 5. Application Circuit Example
When integrating the RA-08-R, a decoupling capacitor is mandatory to filter power noise.
```c
// Example Connection Logic
[Power] 3.3V ----+---- [VCC RA-08-R]
|
[10uF Cap]
|
[GND] -----------+---- [GND RA-08-R]
[MCU TX] ------------- [RXD RA-08-R]
[MCU RX] ------------- [TXD RA-08-R]
```
- ⤷
What is the difference between RA-08 and RA-08-R?
- ⤷ How do I configure the RA-08-R using AT commands?
- ⤷ Can the RA-08-R be used for LoRaWAN Class C applications?