RFV-200F-R
AI

The **RFV-200F-R** is a high-performance **Fast Recovery Diode (FRD)** manufactured by ROHM Semiconductor. It is primarily used in power conversion circuits where high speed and high voltage handling are critical.
---
## 1. Core Technical Specifications
The following table summarizes the primary electronic characteristics of the RFV-200F-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RM}$ | 600 | Volts (V) |
| **Average Rectified Forward Current** | $I_o$ | 20 | Amperes (A) |
| **Forward Voltage (Max)** | $V_F$ | 1.45 | Volts (V) |
| **Reverse Recovery Time (Typ)** | $t_{rr}$ | 30 | Nanoseconds (ns) |
| **Operating Junction Temperature** | $T_j$ | 150 | Celsius (°C) |
| **Package Type** | - | TO-220NFM | - |
---
## 2. Key Electronic Features
### A. Ultra-Fast Recovery Time ($t_{rr}$)
The "Fast Recovery" designation refers to the diode's ability to switch from a conducting state to a blocking state very quickly (approx. 30ns). This reduces switching losses, which is essential for high-frequency applications.
### B. Soft Recovery Characteristics
The device is designed for "soft" recovery, which minimizes high-frequency noise (EMI) and voltage spikes during the switching process. This reduces the need for heavy filtering components.
### C. Low Forward Voltage ($V_F$)
Despite being a high-voltage part, it maintains a relatively low $V_F$. This ensures lower power dissipation during the conduction phase, improving overall system efficiency.
---
## 3. Circuit Applications
The RFV-200F-R is typically integrated into the following electronic systems:
1. **PFC (Power Factor Correction):** Used in continuous conduction mode (CCM) PFC circuits to improve the efficiency of power supplies.
2. **Switching Mode Power Supplies (SMPS):** Acts as an output rectifier or a freewheeling diode.
3. **Inverters:** Used in motor drives and solar inverters to handle inductive loads.
4. **DC/DC Converters:** High-speed rectification in automotive and industrial equipment.
---
## 4. Package Structure (TO-220NFM)
The **TO-220NFM** is a "Full Mold" package. This means the metal tab is insulated with plastic, allowing the component to be mounted directly to a heatsink without requiring an additional insulating sheet (mica or silicone pad), which simplifies mechanical assembly.
---
- ⤷
What is the difference between the RFV-200F-R and a standard Schottky diode?
- ⤷ How does the 'Full Mold' package impact thermal management compared to a standard TO-220?
- ⤷ Can this diode be used in automotive-grade (AEC-Q101) applications?