Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • RGSCA211-R-B-B-A

  • AI
    The **RGSCA211-R-B-B-A** is a specific part number for a rocker switch manufactured by **Carling Technologies**. It belongs to the **RG-Series** of double-pole, high-current rocker switches. --- ## 1. Technical Specifications The following table breaks down the core electrical and mechanical specifications of this component: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Circuitry** | SPST (Single Pole Single Throw) | | **Current Rating** | 15A 125VAC / 10A 250VAC | | **Contact Resistance** | 50 Milliohms (Max) | | **Insulation Resistance** | 100 Megohms (Min) | | **Dielectric Strength** | 1000V RMS (Min) | | **Actuator Style** | Standard Rocker | | **Mounting Type** | Panel Mount (Snap-in) | | **Termination** | .250" Quick Connect Tabs | --- ## 2. Part Number Breakdown The alphanumeric code provides specific details regarding the build of the switch: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | `RGSC` | RG-Series Rocker Switch (Single Pole) | | **Rating** | `A` | 15A 125VAC; 10A 250VAC; 3/4 HP 125-250VAC | | **Termination** | `211` | .250 Tab (Quick Connect) terminals | | **Actuator Color** | `R` | Red Actuator | | **Bezel Color** | `B` | Black Bezel | | **Legend Color** | `B` | Black Legend (Printing) | | **Legend Text** | `A` | Standard "I/O" (On/Off) Symbols | --- ## 3. Key Features and Applications ### Features * **High Inrush Capability:** Designed to handle significant current surges during startup. * **Snap-in Mounting:** Allows for easy installation into a rectangular panel cutout without additional hardware. * **Aesthetic Customization:** Available in various colors, though this specific model uses a red-on-black scheme for high visibility. ### Common Applications 1. **Power Supplies:** Main power toggle for desktop or industrial units. 2. **Appliances:** Vacuum cleaners, kitchen appliances, and power tools. 3. **HVAC Units:** Control switches for fans or heating elements. 4. **Medical Equipment:** High-reliability power control. --- ## 4. Wiring Diagram (Simple) The SPST configuration means this switch simply opens or closes a single circuit. ```text Source (L) ---- [ Terminal 1 ] | [Switch] | Load ---------- [ Terminal 2 ] ```
    ✨ Follow-up Questions
    • ⤷ What are the dimensions for the panel cutout required for the RG-Series?
    • ⤷ Is there an illuminated version of the RGSCA211 available?
    • ⤷ What is the mechanical life expectancy of this switch in cycles?