Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • RGSCA901-R-B-B-E

  • AI
    The **RGSCA901-R-B-B-E** is a high-quality rocker switch manufactured by **Carling Technologies**. It belongs to the RG-Series, known for its sleek design and reliability in demanding environments. --- ### 1. Part Number Breakdown (Specifications) The alphanumeric code provides specific details regarding the switch's build and electrical capabilities: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **RGSC** | **Series** | RG-Series Single Pole Rocker Switch | | **A** | **Rating** | 15A 125VAC; 10A 250VAC; 3/4 HP 125-250VAC | | **901** | **Circuitry** | Single Pole Single Throw (SPST) - On-Off | | **R** | **Actuator Style** | Curved Rocker | | **B** | **Actuator Color** | Black | | **B** | **Bezel Color** | Black | | **E** | **Legend/Marking** | I/O (Horizontal) Marking | --- ### 2. Key Electronic Features * **Switch Function:** This is an **SPST (Single Pole Single Throw)** switch. It operates as a simple "On" or "Off" gate for a single circuit. * **Termination:** Typically features **0.250" (6.3mm) Quick Connect tabs**, allowing for easy wiring without soldering in many industrial applications. * **Mounting:** It is designed for **Snap-in mounting**, fitting into a standard rectangular panel cutout (approx. 0.83" x 1.45"). * **Durability:** * **Mechanical Life:** 100,000 cycles. * **Electrical Life:** 50,000 cycles. --- ### 3. Application Use Cases Because of its high amperage rating and rugged build, this switch is commonly found in: * **Power Strips:** Used as the main power toggle. * **Appliances:** Coffee makers, vacuum cleaners, and kitchen electronics. * **Industrial Equipment:** Control panels for machinery. * **HVAC Systems:** Basic power control for fans or heaters. --- ### 4. Technical Dimensions Template ```markdown Dimensions (Approximate): - Bezel Width: 21.0mm - Bezel Length: 36.8mm - Panel Cutout: 21.08mm x 36.83mm - Terminal Material: Silver plated copper alloy ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative terminal types for the RG-series?
    • ⤷ Does this specific model include internal illumination?
    • ⤷ What is the maximum operating temperature for this switch?