RL1220-4S-R080F
AI

## RL1220-4S-R080F: Technical Overview
The **RL1220-4S-R080F** is a specialized electronic component manufactured by **Susumu**. It belongs to the **RL series**, which are high-precision, low-resistance chip resistors specifically designed for current sensing applications.
---
### Key Specifications
Below is a breakdown of the technical parameters for this specific part number:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Resistance** | $0.08 \Omega$ ($80 m\Omega$) | The nominal resistance value. |
| **Tolerance** | $\pm 1\%$ (F) | The allowable variance from the nominal resistance. |
| **Power Rating** | $1/3 W$ (0.33 Watts) | The maximum power the resistor can dissipate. |
| **Case Size** | 0805 (Metric 2012) | Standard surface mount dimensions ($2.0 \times 1.25$ mm). |
| **TCR** | $0 \sim +350$ ppm/°C | Temperature Coefficient of Resistance. |
| **Series** | RL Series | Low resistance, long-side terminal type. |
---
### Internal Structure and Material
This part is a **Thin Film** resistor. Unlike standard thick film resistors, thin film technology allows for:
1. **Lower Noise:** Reduced electrical noise in the circuit.
2. **Stability:** Better performance over time and varying temperatures.
3. **Accuracy:** High precision in low-ohmic values (less than $1 \Omega$).
---
### Typical Applications
The RL1220-4S-R080F is primarily used for **Current Sensing**. Because it has a very low resistance, it is placed in series with a load to measure current flow by monitoring the voltage drop across it ($V = I \times R$).
* **Power Management:** DC-DC converters and switching power supplies.
* **Battery Monitoring:** Tracking charge/discharge cycles in mobile devices.
* **Motor Control:** Detecting over-current conditions to protect circuits.
* **Automotive Electronics:** Sensors and control units.
---
### Part Number Breakdown
The part number follows a specific nomenclature used by Susumu:
| Segment | Meaning |
| :--- | :--- |
| **RL** | Series Name (Low Resistance Chip Resistors) |
| **1220** | Case Size ($1.2 \times 2.0$ mm) |
| **4S** | Power Rating Code (denotes $1/3$ Watt for this size) |
| **R080** | Resistance Value ($R = \text{Decimal point}$, so $0.080\Omega$) |
| **F** | Tolerance ($\pm 1\%$) |
---
- ⤷What is the difference between thin film and thick film resistors in current sensing?
- ⤷ How do I calculate the voltage drop across this resistor at maximum power?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the RL series?