RL1220-4S-R080G
AI

## Technical Overview of RL1220-4S-R080G
The **RL1220-4S-R080G** is a specialized high-precision current sensing resistor manufactured by **Susumu**. It belongs to the RL series, which is designed for high-stability performance in power management circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the exact specifications of the component:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **RL** | Series Name | Low resistance chip resistor |
| **1220** | Case Size | 0805 Imperial (2.0mm x 1.25mm) |
| **4S** | Terminal Style | Long-side terminal (High power/Heat dissipation) |
| **R080** | Resistance Value | 0.080 $\Omega$ (80 m$\Omega$) |
| **G** | Tolerance | $\pm$2% |
---
### 2. Key Specifications
This resistor is engineered for accuracy and heat management. Below are the primary electrical characteristics:
| Parameter | Value |
| :--- | :--- |
| **Resistance** | 80 m$\Omega$ |
| **Power Rating** | 0.5W (1/2 Watt) |
| **Tolerance** | $\pm$2% |
| **Temperature Coefficient (TCR)** | 0 ~ +200 ppm/°C |
| **Operating Temperature** | -55°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 3. Core Features and Construction
* **Metal Foil Technology:** Unlike standard thick-film resistors, the RL series uses a thin-film/metal foil construction. This ensures a lower noise floor and higher stability over time.
* **Current Sensing:** Because of its very low resistance (80 m$\Omega$), it is used to measure current flow by measuring the voltage drop across it ($V = I \times R$).
* **Short-side Terminal Design:** The "4S" designation indicates a specific terminal configuration that allows for better heat dissipation and lower parasitic inductance compared to standard 0805 resistors.
---
### 4. Common Applications
These parts are typically found in power electronics where monitoring current is critical:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in Li-ion batteries.
2. **DC-DC Converters:** Providing feedback loops for voltage regulation and overcurrent protection.
3. **Motor Controllers:** Sensing the phase current to manage motor torque and speed.
4. **Mobile Devices:** Power management in smartphones and laptops to extend battery life.
- ⤷
How does the '4S' terminal style improve performance compared to standard terminals?
- ⤷ What are the alternatives if I need a tighter tolerance than the 'G' (2%) rating?
- ⤷ How do I calculate the maximum current this resistor can handle based on its 0.5W power rating?