Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • RL1220-F-R020J

  • AI
    The **RL1220-F-R020J** is a high-precision, low-resistance current-sensing chip resistor manufactured by **Susumu**. It belongs to the **RL series**, which is widely known for its "Long Side Terminal" design or standard thick/thin film technology optimized for current detection. --- ### 1. Part Number Breakdown To understand the component, we must decode the manufacturer's nomenclature: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **RL** | Series Name | Current Sensing Chip Resistor | | **1220** | Case Size | 1.2mm x 2.0mm (Metric 1220 / Imperial 0805) | | **F** | Temperature Coefficient | ±100 ppm/°C | | **R020** | Resistance Value | 0.020 $\Omega$ (20 m$\Omega$) | | **J** | Tolerance | ±5.0% | --- ### 2. Key Technical Specifications These parameters define the electrical limits and physical properties of the part: * **Resistance Value:** 20 m$\Omega$ (Milliohms). * **Power Rating:** Typically 0.25W (1/4 Watt) for this specific size. * **Package Type:** Surface Mount Device (SMD). * **Operating Temperature:** Generally ranges from -55°C to +125°C. * **Construction:** Metal foil or thick film element on a ceramic substrate, designed to handle low-ohmic loads with stability. --- ### 3. Application and Usage The RL1220-F-R020J is specifically designed for **Current Sensing**. Because its resistance is extremely low (20 m$\Omega$), it allows designers to measure current flow with minimal voltage drop and power loss. #### Typical Use Cases: 1. **Power Supplies:** Monitoring output current in DC-DC converters. 2. **Battery Management:** Sensing charge/discharge rates in portable electronics. 3. **Motor Control:** Detecting overcurrent conditions to protect circuitry. 4. **CPU/GPU Power Rails:** Managing high-current delivery in computing hardware. --- ### 4. Implementation Example In a typical circuit, this resistor is placed in series with the load. The voltage across it ($V = I \times R$) is measured by an amplifier. ```c // Calculation Example: // If the measured voltage across the R020 resistor is 10mV: // I = V / R // I = 0.010V / 0.020 Ohms = 0.5 Amperes ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the RL and PRL series from Susumu?
    • ⤷ Can I substitute a 1% tolerance resistor for this 'J' (5%) rated part?
    • ⤷ How does the power rating change if I use a smaller 0603 package?