Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • RPM7240-R

  • AI
    ## Overview of the RPM7240-R The **RPM7240-R** is a high-performance infrared (IR) receiver module designed for remote control systems. It is manufactured by ROHM Semiconductor. This component integrates a photodiode and a specialized IC into a single, compact package to simplify the design of IR wireless communication interfaces. --- ### Technical Specifications The following table outlines the key electrical and physical characteristics of the RPM7240-R: | Parameter | Specification | | :--- | :--- | | **Carrier Frequency** | 40.0 kHz | | **Supply Voltage (Vcc)** | 2.7V to 3.6V (Low voltage operation) | | **Supply Current** | Approx. 0.3mA to 0.5mA | | **Effective Distance** | Up to 15 meters (depending on transmitter) | | **Peak Wavelength** | 950 nm | | **Output Type** | Active Low (Open Collector) | | **Operating Temp** | -10°C to +75°C | --- ### Internal Functional Blocks The module is not just a sensor; it contains a complex signal processing circuit internally. The main stages include: 1. **Photodiode:** Converts the incoming IR light pulses into electrical signals. 2. **Preamplifier:** Boosts the weak signal from the photodiode. 3. **AGC (Automatic Gain Control):** Adjusts the sensitivity to compensate for different ambient light levels or distances. 4. **Band Pass Filter (BPF):** Specifically tuned to **40 kHz**. It rejects signals from other sources (like sunlight or fluorescent lamps) that do not match this frequency. 5. **Demodulator & Integrator:** Extracts the data envelope from the 40 kHz carrier wave. 6. **Output Driver:** Provides a clean digital signal to a microcontroller. --- ### Pin Configuration The RPM7240-R typically features a 3-pin interface: 1. **Vout (Output):** Connects to the GPIO or Interrupt pin of a microcontroller. 2. **GND (Ground):** Connected to the system ground. 3. **Vcc (Power):** Connected to a 3V power source (standard for low-power mobile or battery devices). --- ### Typical Application Circuit When implementing this part, it is standard practice to use a low-pass filter on the power line to reduce noise. ```c // Example Wiring Logic [Vcc Pin] ---[ 100 Ohm Resistor ]---+--- [ Power Supply 3.3V ] | [ 47uF Capacitor ] | [GND Pin] --------------------------+--- [ Ground ] [Vout Pin] ----------------------------- [ MCU Input Pin ] ``` --- ### Key Advantages * **Low Voltage Support:** Ideal for battery-operated devices (2.7V - 3.6V). * **High Noise Immunity:** Excellent at filtering out electromagnetic interference (EMI) and ambient light noise. * **Compact Form Factor:** Small side-view or top-view packages (depending on the specific R-series variant) allow for integration into slim consumer electronics.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 40kHz RPM7240 and the 38kHz RPM7238 version?
    • ⤷ Can this module be used with a 5V power supply safely?
    • ⤷ How does the AGC circuit handle interference from energy-saving light bulbs?