RPR-08-R
AI

The **RPR-08-R** is a specialized electronic component primarily used as an **Optical Surface Mount Reflective Photosensor**. It is manufactured by ROHM Semiconductor and is designed for high-precision detection of objects at close range.
---
## 1. Internal Configuration
The RPR-08-R is a "Photointerrupter" (Reflective type) consisting of two main internal parts housed in a single package:
| Component | Part Type | Function |
| :--- | :--- | :--- |
| **Emitter** | Infrared LED | Emits infrared light toward a target surface. |
| **Detector** | Phototransistor | Receives the reflected light and converts it into electrical current. |
---
## 2. Technical Specifications
The device is optimized for low power consumption and surface mount technology (SMT).
### Key Electrical Parameters
* **Peak Emission Wavelength:** Typically around **940nm** (Infrared).
* **Collector Current ($I_C$):** Usually ranges between **0.5mA to 2.0mA** depending on the distance and reflectivity of the target.
* **Maximum Forward Current ($I_F$):** Generally around **50mA**.
* **Response Time:** Fast switching speeds suitable for pulse detection.
---
## 3. Working Principle
1. The **Infrared LED** is biased to emit a continuous or pulsed IR beam.
2. When an object comes within the detection range (typically **1mm to 5mm**), the IR light reflects off the surface.
3. The **Phototransistor** detects the reflected light, causing it to become conductive.
4. This change in conductivity creates a voltage drop across a load resistor, which can be read by a Microcontroller (MCU).
---
## 4. Physical Characteristics
* **Package Type:** Leadless, surface-mount (SMD).
* **Size:** Extremely compact (approx. 3.4mm x 2.7mm x 1.5mm), making it ideal for mobile devices.
* **Filter:** Often includes a visible light filter to reduce interference from ambient lighting.
---
## 5. Common Applications
* **Paper Detection:** Used in printers to detect the presence or edge of a sheet of paper.
* **Disc Detection:** Used in CD/DVD drives.
* **Rotation Sensing:** Monitoring motor speed via a reflective strip on a shaft.
* **Proximity Sensing:** Detecting if a lid is closed or a module is docked.
---
- ⤷
What is the optimal detection distance for the RPR-08-R?
- ⤷ Can you provide a basic circuit diagram for connecting this sensor to an Arduino?
- ⤷ How does surface color affect the performance of this reflective sensor?