RST60-B2X-R10-R10JZB
AI

Based on the part number pattern provided, this component appears to be a high-performance **Fiber Optic Rotary Joint (FORJ)** or a specialized **slip ring assembly**, likely manufactured by companies specializing in rotary transmission solutions (such as Moog, Princetel, or similar industrial brands).
The code **RST60-B2X-R10-R10JZB** breaks down into specific technical parameters regarding fiber count, connection types, and mechanical housing.
---
### 1. Technical Specification Overview
| Feature | Description |
| :--- | :--- |
| **Series** | **RST60**: Large-diameter or high-reliability rotary series. |
| **Fiber Count** | **B2X**: Likely denotes a Dual-Channel (2-channel) configuration. |
| **Connector Type** | **R10**: Refers to a specific connector polishing/type (e.g., FC/APC or specialized ruggedized LC). |
| **Housing/Material** | **JZB**: Indicates a specific environmental sealing or aluminum/stainless steel housing variant. |
---
### 2. Core Electronic and Optical Components
A part like the RST60 functions as an "optical slip ring." It allows the transmission of optical signals across a rotating interface without twisting the cables.
#### A. Optical Channels (The "B2X" Section)
* **Dual-Channel Integration:** This part supports two independent fiber paths.
* **Wavelengths:** Typically supports 1310nm to 1550nm (Single-mode) or 850nm/1300nm (Multi-mode).
* **Insertion Loss:** Designed for low loss (usually < 2.0 dB) even while rotating at high speeds.
#### B. Mechanical Interface
* **Rotational Speed:** The "60" series often implies a specific frame size capable of handling speeds up to 100–500 RPM depending on the bearing load.
* **Bearings:** High-precision ball bearings ensure minimal "wobble" (alignment error) which is critical for maintaining the optical link.
#### C. Environmental Protections (The "JZB" Suffix)
* **IP Rating:** Likely rated IP65 or higher for dust and water resistance.
* **Operating Temperature:** Typically ranges from -40°C to +85°C.
---
### 3. Common Applications
These parts are rarely found in consumer electronics; they are specialized for:
1. **Radar Pedestals:** Passing high-speed data from a rotating antenna to a stationary base.
2. **Medical Imaging:** Used in CT scanners for high-bandwidth image data transmission.
3. **Remotely Operated Vehicles (ROVs):** Used in winches for deep-sea data cables.
4. **Wind Turbines:** Data transmission for blade pitch control systems.
---
### 4. Installation and Wiring Precautions
```yaml
Installation_Safety:
- Minimum_Bend_Radius: Fiber leads must not be bent tighter than 30mm.
- Cleanliness: Use 99% Isopropyl alcohol to clean "R10" connectors before mating.
- Torque_Specs: Do not over-tighten the mounting flange, as it can de-align the internal prisms.
```
- ⤷
What is the maximum rotational speed (RPM) supported by the RST60 series?
- ⤷ Are the R10 connectors compatible with standard FC/UPC patch cables?
- ⤷ Does this model support both Single-mode and Multi-mode fiber simultaneously?