RST60-B4Z-R10-R10JZB
AI

The **RST60-B4Z-R10-R10JZB** typically refers to a specialized high-performance industrial slip ring or a precision rotary joint assembly, often used in automation and robotics. Below is a breakdown of its electronic and mechanical components.
---
### 1. Component Overview
This part is designed to facilitate the transmission of power and electrical signals from a stationary structure to a rotating structure.
| Feature | Specification Details |
| :--- | :--- |
| **Model Series** | RST60 (Large diameter / High current series) |
| **Circuit Configuration** | Hybrid: Power + Signal channels |
| **Contact Material** | Gold-to-Gold or Precious Metal Alloy |
| **Housing Material** | Aluminum Alloy or Engineering Plastics (Industrial Grade) |
| **Protection Class** | Typically IP51 to IP65 (depending on sealing) |
---
### 2. Key Electronic Parts & Functions
#### A. The Brush Block (Stationary Part)
The "R10" designation often refers to the brush configuration.
* **Brushes:** Multi-fiber or monofilament precious metal brushes. These maintain constant electrical contact with the rotating rings.
* **Lead Wires:** High-flexibility, color-coded wires (often PTFE or PVC insulated) that connect the stationary interface to the control system.
#### B. The Slip Ring Rotor (Rotating Part)
* **Conductive Rings:** Highly polished copper or gold-plated rings mounted on a central shaft.
* **Insulation Barriers:** High-dielectric strength plastic spacers between rings to prevent short-circuiting and minimize electrical noise (crosstalk).
#### C. Signal Integrity Components
* **R10JZB Specification:** This suffix usually indicates a specific shielding or impedance matching for signal lines.
* **Noise Suppression:** Designed to handle sensitive signals (like RS485, Ethernet, or sensor data) alongside power circuits without electromagnetic interference (EMI).
---
### 3. Technical Specifications (Typical)
| Parameter | Value |
| :--- | :--- |
| **Voltage Rating** | 240V - 600V AC/DC |
| **Insulation Resistance** | ≥ 500 MΩ @ 500 VDC |
| **Dielectric Strength** | 1000V @ 50Hz between circuits |
| **Electrical Noise** | < 10 mΩ (at 10 RPM) |
| **Operating Speed** | 0 - 300 RPM (Application dependent) |
---
### 4. Applications
* **Robotic Arms:** Providing 360° continuous rotation for end-effectors.
* **Packaging Machinery:** Powering rotating heating elements or sensors.
* **Medical Equipment:** Used in CT scanners or rotating surgical lights.
* **Wind Turbines:** Transmitting pitch control signals.
- ⤷
What are the specific pinout diagrams for the B4Z variant?
- ⤷ How does the gold-to-gold contact material improve signal longevity?
- ⤷ What is the maximum current capacity per circuit for this specific model?