Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • RTS-33B-R/E

  • AI
    The **RTS-33B-R/E** is a specific model within the series of high-precision **Total Stations** (likely manufactured by brands like South, Sanding, or Ruide). These devices are opto-electronic instruments used in modern surveying and civil engineering. Below is an explanation of its electronic components and internal systems. --- ### 1. Main Electronic Sub-systems The device integrates several electronic modules to convert physical measurements into digital data. | Component | Function | Technology Used | | :--- | :--- | :--- | | **EDM (Electronic Distance Meter)** | Measures distance to a target. | Phase-shift or Time-of-Flight laser measurement. | | **Angle Encoder** | Measures horizontal and vertical angles. | Absolute Encoding (Glass disks with digital patterns). | | **Microprocessor (MCU)** | The "brain" of the unit. | Embedded ARM or high-speed RISC processor. | | **Compensator** | Corrects for tilt/leveling errors. | Dual-axis liquid electronic sensors. | | **I/O Interface** | Data transfer and power. | RS-232C, Mini-USB, or SD Card slots. | --- ### 2. Detailed Component Breakdown #### A. Angle Measurement System Unlike old mechanical theodolites, the RTS-33B-R/E uses **Absolute Encoding**. * **The Disk:** A glass disk inside rotates with the telescope. It is etched with a digital barcode. * **Photoelectric Sensor:** A light source shines through the disk onto a sensor, which reads the specific code to determine the angle instantly without needing an initialization turn. #### B. The EDM (Electronic Distance Meter) The "R" in the model name often signifies **Reflectorless** capability. * **Laser Diode:** Emits a Class 3R laser beam. * **Receiver Photo-Diode:** Detects the faint light returning from the object. * **Processing:** The electronics calculate the phase shift of the light wave to determine the distance with millimeter precision (e.g., ±2mm + 2ppm). #### C. Control Panel and Display * **LCD Display:** Usually a high-resolution dot-matrix display (often dual-sided). * **Keyboard:** Alphanumeric membrane keys for data entry. * **Backlight Circuitry:** For working in low-light conditions. #### D. Power Management * **Battery:** Typically uses a Rechargeable Ni-MH or Li-ion battery (7.2V - 7.4V). * **Internal Circuitry:** Includes voltage regulators to ensure the laser and processor receive stable power even as the battery drains. --- ### 3. Technical Specifications (Electronic Focus) ```yaml Distance_Measurement: Reflectorless_Range: Up to 350m - 500m (Model dependent) Single_Prism_Range: Up to 5000m Accuracy: 2mm + 2ppm Angle_Measurement: Method: Absolute Encoding Minimum_Reading: 1" / 5" selectable Accuracy: 2" System_Memory: Internal_Points: Approx 10,000 to 20,000 points External_Support: SD Card / Mini-USB ``` --- ### 4. Environmental Protection The electronics are housed in a chassis rated at **IP54 or IP66**, protecting the sensitive circuits from dust and water splashes, which is critical for construction site use.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the electronic compensator on this model?
    • ⤷ What is the difference between the 'R' and 'E' suffixes in this series?
    • ⤷ How can I export data from the RTS-33B to a computer?