Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • RTZ-10V152MJHT-R5

  • AI
    The part number **RTZ-10V152MJHT-R5** refers to a high-performance **Aluminum Electrolytic Capacitor**. These components are widely used in power management and signal filtering due to their high capacitance-to-volume ratio. Below is a detailed breakdown of its specifications and characteristics based on the standard naming conventions for electronic components (specifically similar to the Elna or Rubycon series). --- ### 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Aluminum Electrolytic | Polarized energy storage device | | **Capacitance** | 1500 µF (152) | "15" + 2 zeros (1500 microfarads) | | **Voltage Rating** | 10V DC | Maximum continuous operating voltage | | **Series** | RTZ | Low Impedance / High Reliability series | | **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytics | | **Temperature** | -55°C to +105°C | Operating temperature range | | **Mounting** | SMD (Surface Mount) | Typical for the "JHT" suffix style | | **Packaging** | Tape & Reel (R5) | 13" or 15" reel for automated pick-and-place | --- ### 2. Breakdown of the Part Number The alphanumeric string is a code that manufacturers use to identify every physical attribute: * **RTZ**: The **Series Name**. This usually signifies a specific performance tier (e.g., "Low ESR" or "Long Life"). * **10V**: The **Rated Voltage**. This capacitor can handle up to 10 Volts. * **152**: The **Capacitance Code**. The first two digits (15) are the value, and the third (2) is the multiplier ($10^2$). Result: $1500 \mu F$. * **M**: The **Tolerance Code**. M stands for $\pm 20\%$. * **JHT**: This typically refers to the **Case Size** and **Lead Configuration** (e.g., specific dimensions like 10mm x 10.5mm). * **R5**: The **Packaging Code**, indicating it is supplied on a reel with a specific quantity. --- ### 3. Key Applications Because this is a **1500µF / 10V** capacitor, it is likely used in low-voltage DC circuits: 1. **Smoothing**: Reducing ripple voltage in DC-DC converters. 2. **Decoupling**: Providing a local energy reservoir for high-speed ICs. 3. **Filtering**: Removing noise from power supply lines in consumer electronics (Laptops, TVs, Routers). --- ### 4. Comparison: Why "Low ESR" Matters The **RTZ** series is often characterized by **Low Equivalent Series Resistance (ESR)**. ```markdown High ESR = More Heat generated = Shorter Component Life Low ESR = Better Efficiency = Better High-Frequency Performance ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions associated with the JHT case size code?
    • ⤷ How does the ESR of the RTZ series compare to standard aluminum capacitors?
    • ⤷ Can this capacitor be used in a circuit with a 12V power supply?