Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • RVR-4V331MF80UQ-R2

  • AI
    The **RVR-4V331MF80UQ-R2** is a specialized Aluminum Electrolytic Capacitor designed for Surface Mount Technology (SMT). It belongs to a class of high-performance components often used in automotive and industrial electronics. --- ### 1. Technical Specifications Based on the part number nomenclature, here are the primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor (V-Chip) | | **Capacitance** | 330 µF | | **Voltage Rating** | 4.0V DC | | **Size Code** | F80 (Approx. 6.3mm diameter x 7.7mm height) | | **Tolerance** | ±20% (Standard for electrolytic) | | **Temperature Range** | Typically -55°C to +105°C | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Breakdown of the Part Number Manufacturers use specific codes to define the physical and electrical properties of the unit: * **RVR:** Series identifier (Usually indicates Low Impedance or Long Life characteristics). * **4V:** Rated working voltage (4 Volts). * **331:** Capacitance code. The first two digits are significant figures, the third is the multiplier ($33 \times 10^1 = 330$ µF). * **MF80:** Dimensional code relating to the "Can" size (Diameter and Height). * **UQ:** Specific internal code for packaging or electrolyte type. * **R2:** Taping and Reeling specification (indicates how the parts are oriented on the carrier tape for pick-and-place machines). --- ### 3. Key Features and Applications #### Features: * **Low ESR:** Designed to handle high ripple currents with minimal heat generation. * **Reflow Soldering Compatible:** Built to withstand the high temperatures of infrared or convection soldering ovens. * **Polarized:** Like all aluminum electrolytic capacitors, it must be installed with the correct polarity. #### Typical Applications: 1. **Filtering:** Used in power supply circuits to smooth out voltage fluctuations. 2. **Decoupling:** Placed near high-speed ICs to provide a local energy reservoir. 3. **Automotive Electronics:** Often found in infotainment systems or body control modules due to the robust SMD design. 4. **Consumer Electronics:** Used in compact devices where vertical space is limited. --- ### 4. Comparison with Standard Capacitors | Feature | RVR Series (SMD) | Standard Leaded Capacitor | | :--- | :--- | :--- | | **Vibration Resistance** | Higher (Low profile) | Lower (Tall leads) | | **Assembly Speed** | Fast (Automated) | Slower (Manual/Through-hole) | | **PCB Space** | Minimal footprint | Requires drill holes |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives for this capacitor if it is out of stock?
    • ⤷ How does the 'Low ESR' rating impact the lifespan of this component?
    • ⤷ What is the specific soldering profile recommended for the RVR series?