Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • RXM2AB1FD

  • AI
    ## Technical Overview: Schneider Electric RXM2AB1FD The **RXM2AB1FD** is a miniature plug-in electromechanical relay belonging to the **Zelio Relay RXM** range by Schneider Electric. It is widely used in automation panels for signal switching and electrical isolation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Contact Composition** | 2 C/O (DPDT - Double Pole Double Throw) | | **Control Circuit Voltage** | 110 V DC | | **Rated Operational Current** | 12 A at 250 V AC / 28 V DC | | **Status LED** | Included (Indicates if the coil is energized) | | **Control Type** | Lockable test button | | **Contact Material** | AgNi (Silver Nickel) | | **Mounting Mode** | Plug-in (requires a socket) | --- ### 2. Electronic & Mechanical Components The device consists of several critical parts that work together to perform the switching function: #### A. The Electromagnetic Coil * **Function:** Converts the 110V DC input signal into a magnetic field. * **Operation:** When powered, it pulls the armature toward it, overcoming the spring tension to switch the contacts. #### B. The Contact System (2 C/O) * **DPDT Configuration:** It features two independent sets of Change-Over (C/O) contacts. Each set has a Common (COM), Normally Closed (NC), and Normally Open (NO) terminal. * **Silver Nickel (AgNi):** Used for the contact points to provide a good balance between electrical conductivity and resistance to "welding" or oxidation. #### C. Built-in Indicators & Manual Overrides * **LED Indicator:** A small light integrated into the housing that illuminates when the 110V DC coil is active. * **Mechanical Flag:** A physical orange indicator that shows the position of the contacts. * **Test Button:** A blue button that allows technicians to manually force the contacts to change state for circuit testing without needing to energize the coil. --- ### 3. Wiring and Pin Configuration The RXM2AB1FD typically follows a standard pin layout for miniature relays: * **Coil Terminals:** A1 and A2 (Polarity sensitive for DC models). * **Common Terminals:** 11, 21. * **Normally Closed (NC):** 12, 22. * **Normally Open (NO):** 14, 24. --- ### 4. Compatible Sockets To integrate this relay into a DIN rail system, it must be paired with a compatible base. Common models include: * **RXZE2M114:** Mixed contact socket. * **RXZE2S108M:** Separate contact socket. ---
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the 110V DC coil for this relay?
    • ⤷ Can this relay be used with AC control circuits?
    • ⤷ Which protection modules (diodes/varistors) are recommended for this DC model?