Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SB340G-CB2-R

  • AI
    The **SB340G-CB2-R** is a specific part number for a **Schottky Barrier Rectifier Diode**. These components are widely used in power management and signal switching due to their low forward voltage drop and high switching speeds. --- ## 1. Technical Specifications The following table outlines the primary electrical characteristics of the SB340G-CB2-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Diode | Metal-semiconductor junction | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 40V | Maximum voltage the diode can block | | **Max Average Forward Rectified Current ($I_{F}$)** | 3.0A | Current handling capability | | **Max Forward Voltage ($V_F$)** | ~0.50V | Voltage drop at rated current | | **Operating Temperature** | -65 to +150°C | Thermal range for safe operation | | **Package Type** | DO-201AD (Axial) | Through-hole leaded package | --- ## 2. Key Features and Construction The "G" in the part number often signifies a **Halogen-Free** or **Green** construction, adhering to modern environmental standards. * **Low Forward Voltage:** Unlike standard silicon diodes (~0.7V), Schottky diodes like the SB340G have a lower drop (~0.5V), which significantly reduces power loss and heat generation. * **High Surge Current:** It is designed to handle high momentary current surges, typical during power-on cycles. * **Fast Switching:** As a Schottky device, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications. --- ## 3. Common Applications Due to its 3A / 40V rating, this diode is commonly found in: 1. **Switching Power Supplies (SMPS):** Used for high-frequency rectification. 2. **Freewheeling Diodes:** Protects circuits from voltage spikes caused by inductive loads (motors, relays). 3. **Polarity Protection:** Prevents damage if batteries or DC inputs are connected backward. 4. **DC-DC Converters:** Acts as a catch diode to maintain current flow during the "off" cycle of a switch. --- ## 4. Package Dimensions (DO-201AD) This is a standard "large" axial leaded package, allowing for better heat dissipation compared to smaller DO-41 diodes (like the 1N4007). * **Body Length:** ~9.5 mm * **Body Diameter:** ~5.3 mm * **Lead Diameter:** ~1.2 mm (Thick leads to handle 3 Amps)
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SB340 and the 1N5822 diode?
    • ⤷ How does temperature affect the reverse leakage current of the SB340G?
    • ⤷ Can the SB340G be used in AC to DC rectification circuits?