Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SBS-2B-R

  • AI
    The **SBS-2B-R** is a specific surface-mount electronic component, typically categorized as a **thick film chip resistor network** or a high-precision power resistor, depending on the manufacturer (most commonly associated with brands like Stackpole Electronics or specialized shunt manufacturers). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The SBS series is designed for stability and high-power density in a small footprint. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Resistor / Shunt | | **Resistance Value** | Defined by part number (e.g., 2 Ohms or specified mΩ) | | **Power Rating** | Often 2 Watts to 5 Watts (depending on mounting) | | **Tolerance** | ±1% or ±5% | | **Temperature Coefficient (TCR)** | ±100 ppm/°C to ±400 ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Physical Construction The "2B" designation often refers to the package size or power rating tier, while the "R" suffix typically denotes the packaging format (Taped & Reeled). * **Substrate:** Alumina ceramic or metal alloy (if used for current sensing). * **Termination:** Tin-plated over nickel barrier to prevent leaching during soldering. * **Coating:** Flameproof silicone or epoxy resin for environmental protection. --- ### 3. Key Electronic Functions The SBS-2B-R is utilized in circuits for the following purposes: 1. **Current Sensing:** Due to its high power-to-size ratio, it is often used as a shunt to measure current flow in power supplies. 2. **Voltage Division:** Used in precision networks to scale down voltages for IC inputs. 3. **Pulse Handling:** Designed to withstand short-term high-energy surges without permanent resistance shifts. --- ### 4. Part Number Breakdown (Example) While specific to the manufacturer's datasheet, the nomenclature usually follows this logic: | Segment | Meaning | | :--- | :--- | | **SBS** | Series name (Standard Board Shunt / Resistor) | | **2B** | Size code or 2-Watt power rating | | **(Value)** | Usually embedded in the full code (e.g., 10R for 10Ω) | | **R** | Packaging: Tape & Reel | --- ### 5. Application Areas * **Automotive:** Battery management systems (BMS) and ECU power distribution. * **Industrial:** Motor controllers and power inverters. * **Consumer Electronics:** High-efficiency AC/DC converters and laptop power bricks. ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the SBS-2B-R variant you are looking at?
    • ⤷ Which manufacturer produced this specific SBS-2B-R component?
    • ⤷ Do you need the footprint/land pattern dimensions for PCB design?