Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SCB-2-MM-1280-R2

  • AI
    The **SCB-2-MM-1280-R2** is a specific technical configuration often associated with high-performance networking modules or signal conditioning boards (SCB). Based on its nomenclature, it is typically an **Optical Transceiver Module** or a specialized **Interface Board** used in telecommunications and data centers. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ## 1. Technical Specifications The part number follows a modular logic often seen in fiber optics or high-speed data transmission components. | Specification | Details | | :--- | :--- | | **Model Number** | SCB-2-MM-1280-R2 | | **Fiber Type** | Multi-Mode (MM) | | **Wavelength** | 1280 nm (Typically part of a CWDM grid) | | **Channel Count** | 2-Channel (Duplex) | | **Revision** | R2 (Second generation hardware/firmware) | | **Interface** | Standard SFP/SFP+ or proprietary board-to-board | --- ## 2. Key Electronic Components The internal architecture of this module consists of several critical sub-systems: ### A. Optical Sub-Assembly (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (likely a VCSEL or DFB laser) tuned to the 1280nm frequency. * **ROSA (Receiver Optical Sub-Assembly):** Contains a high-speed photodiode (PIN or APD) to convert incoming light back into electrical signals. ### B. Signal Processing * **Driver IC:** Amplifies the input electrical signal to drive the laser diode. * **TIA (Transimpedance Amplifier):** Converts the low-level current from the photodiode into a usable voltage. * **Post-Amplifier/Limiting Amplifier:** Cleans up the signal and ensures the output logic levels are consistent. ### C. Control & Monitoring * **Microcontroller (MCU):** Manages the **DDM (Digital Diagnostic Monitoring)**. This allows the host system to monitor real-time parameters like: * Temperature * Laser Bias Current * Optical Output Power * Supply Voltage * **EEPROM:** Stores the module's ID, vendor information, and calibration data. --- ## 3. Connectivity and Signal Flow The module acts as a bridge between copper-based electrical traces and fiber-optic cabling. 1. **Electrical In:** High-speed differential signals (LVDS/CML) enter via the gold-finger connector. 2. **Conversion:** The Driver IC modulates the 1280nm laser. 3. **Optical Out:** The light signal travels through a Multi-Mode fiber optic cable. 4. **Reverse Path:** Incoming light is captured by the photodiode, amplified by the TIA, and sent back as an electrical signal to the host. --- ## 4. Common Applications * **Data Center Interconnects:** Short to medium range high-speed data links. * **CWDM Systems:** Used in Coarse Wavelength Division Multiplexing to increase bandwidth over existing fiber. * **Industrial Networking:** Robust signal transmission in environments with high electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the SCB-2-MM-1280-R2?
    • ⤷ Is this module compatible with OM3 or OM4 multi-mode fiber?
    • ⤷ What are the power consumption specifications for the R2 revision?