SCD42-D-R2
AI

The **SCD42-D-R2** is a high-precision carbon dioxide (CO2) sensor module developed by Sensirion. It is part of the SCD4x series, utilizing the **photoacoustic sensing principle**, which allows for a significantly smaller footprint compared to traditional NDIR (Non-Dispersive Infrared) sensors without compromising accuracy.
---
### 1. Key Technical Specifications
The following table highlights the primary electronic and performance characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Sensing Principle** | Photoacoustic (PASens® Technology) |
| **Supply Voltage (VDD)** | 2.4 V – 5.5 V |
| **Average Current Consumption** | 18 mA (at 5V, 60s sample interval) |
| **Peak Current** | 205 mA |
| **Output Range** | 0 – 40,000 ppm |
| **Accuracy** | ±(75 ppm + 5% of reading) |
| **Communication Interface** | I2C (Standard / Fast Mode / Fast Mode Plus) |
| **Operating Humidity** | 0 – 95% RH (non-condensing) |
---
### 2. Core Electronic Components & Architecture
The SCD42-D-R2 integrates several sophisticated electronic sub-systems within its compact 10 x 10 x 7 mm³ package:
* **Photoacoustic Transducer:** Unlike NDIR sensors that use an optical detector, the SCD42 uses a microphone to detect pressure changes (sound) generated when CO2 molecules absorb infrared light and heat up.
* **Integrated Temperature & Humidity Sensor:** It contains a built-in SHT4x sensor used for internal signal compensation (on-chip humidity and temperature compensation).
* **ASIC (Application-Specific Integrated Circuit):** A dedicated chip handles the analog-to-digital conversion, signal processing, and the I2C interface logic.
* **IR Emitter:** A specialized light source tuned to the absorption band of CO2.
---
### 3. Pinout Configuration
The device uses a surface-mount (SMD) landing pattern. Below are the primary pins required for operation:
| Pin # | Name | Type | Description |
| :--- | :--- | :--- | :--- |
| 1 | **VDD** | Power | Supply Voltage (2.4V to 5.5V) |
| 2 | **GND** | Ground | Supply Ground |
| 6 | **SCL** | Digital Input | I2C Clock Input |
| 7 | **SDA** | Digital I/O | I2C Data I/O |
---
### 4. Implementation Example (Pseudo-Code)
The sensor is controlled via I2C commands. Below is a simplified representation of how to interact with the sensor in a C-like environment:
```cpp
// Example: Starting Periodic Measurement
void setupSCD42() {
Wire.begin();
// Command to start periodic measurement: 0x21B1
Wire.beginTransmission(0x62); // Default I2C address
Wire.write(0x21);
Wire.write(0xB1);
Wire.endTransmission();
}
// Reading Data
void readCO2() {
// Request 9 bytes (CO2, Temp, Humidity + CRC for each)
Wire.requestFrom(0x62, 9);
uint16_t co2 = (Wire.read() << 8) | Wire.read();
// ... process remaining bytes ...
}
```
---
### 5. Notable Features
* **Small Form Factor:** Roughly 5x smaller than previous generations (SCD30).
* **Reflow Solderable:** Designed for high-volume automated assembly.
* **On-chip Compensation:** Automatically adjusts for pressure and temperature fluctuations to maintain accuracy over time.
- ⤷
What are the main differences between the SCD42 and the SCD41 models?
- ⤷ How does the peak current consumption impact the design of the power supply circuit?
- ⤷ What is the recommended I2C pull-up resistor value for a 3.3V system using this sensor?