SCDR575047-R27
AI

The **SCDR575047-R27** is a specific part number for a Surface Mount Device (SMD) Power Inductor, typically manufactured by companies like Signal Transformer (a Bel group company). It belongs to the **SCDR** series, which is characterized by its high-current capability and compact footprint.
### 1. Technical Specifications
The part number itself acts as a code for its primary electrical characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.27 µH (denoted by "R27") |
| **Inductance Tolerance** | Usually ±20% (M) or ±30% (N) |
| **Case Size** | 5.7mm x 5.0mm (approximate dimensions) |
| **Height** | 4.7mm |
| **Current Rating (Isat)** | Typically high, ranging from 15A to 25A (depending on manufacturer) |
| **DC Resistance (DCR)** | Extremely low (often < 2.0 mΩ) |
---
### 2. Core Components and Materials
This part consists of three main electronic elements:
1. **Magnetic Core:** Usually a **Ferrite** or **Iron Powder** core. Ferrite offers high efficiency and low core losses at high frequencies, while iron powder handles higher saturation currents without dropping inductance sharply.
2. **Winding:** A heavy-gauge copper wire (often flat wire or thick round wire) wound around the core to minimize DC resistance and maximize current handling.
3. **Shielding:** Most SCDR parts are **shielded** (magnetically), meaning the magnetic field is contained within the component. This reduces Electromagnetic Interference (EMI) with neighboring components on the PCB.
---
### 3. Applications
Inductors like the R27 are primarily used for power management and energy storage:
* **DC-DC Converters:** Used as the main energy storage element in buck (step-down) or boost (step-up) converters.
* **Voltage Regulator Modules (VRM):** Commonly found in motherboards and high-end GPUs to provide stable power to CPUs/GPUs.
* **Filtering:** Used in LC filters to smooth out ripple current and reduce noise in high-current power rails.
---
### 4. Part Number Breakdown
Here is how the nomenclature is generally decoded:
| Segment | Meaning |
| :--- | :--- |
| **SCDR** | Series Name (Shielded Case, Drum & Ring construction) |
| **575047** | Dimensions: 5.7mm x 5.0mm footprint, 4.7mm height |
| **R27** | Inductance value: "R" acts as decimal point (0.27 µH) |
- ⤷
What is the saturation current (Isat) for the SCDR575047-R27?
- ⤷ How does this inductor compare to a 1.0uH inductor in a buck converter circuit?
- ⤷ Are there equivalent parts from other manufacturers like Bourns or Würth Elektronik?