Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SCEP125U-R30

  • AI
    ### Overview of SCEP125U-R30 The **SCEP125U-R30** is a high-current, surface-mount (SMD) power inductor. It is part of the SCEP125 series manufactured by **Sumida**, widely known for its high efficiency and shielded construction, making it ideal for high-density power applications. --- ### Technical Specifications The following table details the key electrical and physical characteristics of the SCEP125U-R30: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.3 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 1.10 mΩ (Max) / 0.90 mΩ (Typ) | | **Saturation Current (Isat)** | ~32.0 A (at 20°C) | | **Temperature Rise Current (Irms)** | ~22.0 A | | **Operating Temperature** | -40°C to +125°C | | **Dimensions (L x W x H)** | 12.9 mm x 12.9 mm x 6.0 mm | --- ### Key Features 1. **Magnetic Shielding:** The component is magnetically shielded, which minimizes electromagnetic interference (EMI) with surrounding components—a critical feature for compact PCB designs. 2. **Low DCR:** The extremely low DC resistance (0.90 mΩ) ensures minimal power loss and reduced heat generation during operation. 3. **High Current Handling:** Designed to handle high saturation currents, preventing the inductor core from saturating during peak loads in DC-DC converters. 4. **Flat Wire Construction:** Often utilizes flat wire technology to maximize the cross-sectional area, further reducing resistance and improving thermal performance. --- ### Common Applications The SCEP125U-R30 is typically found in high-performance electronics where power stability is paramount: * **DC/DC Converters:** Used as a storage inductor in buck (step-down) or boost (step-up) regulators. * **Voltage Regulator Modules (VRMs):** Found in CPU and GPU power delivery circuits for servers and gaming PCs. * **Industrial Power Supplies:** Suitable for high-reliability industrial automation equipment. * **Telecommunications:** Used in distributed power systems and base station equipment. --- ### Layout Recommendations When integrating this part into a PCB design, consider the following: * **Thermal Management:** Despite the low DCR, the high current levels can generate significant heat. Ensure large copper planes are connected to the pads to act as heat sinks. * **EMI Shielding:** While the part is shielded, keep high-speed signal traces away from the area directly beneath the inductor to prevent noise coupling.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the Sumida SCEP125U-R30 from other manufacturers?
    • ⤷ How does the saturation current change as the operating temperature increases for this specific inductor?
    • ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?