SD103AW-CC2-R
AI

## SD103AW-CC2-R: Electronic Specifications and Details
The **SD103AW-CC2-R** is a high-speed **Schottky Barrier Diode** housed in a small surface-mount package. It is primarily designed for low-voltage applications requiring fast switching and low forward voltage drops.
---
### 1. General Specifications
The following table summarizes the key electrical and physical parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Schottky Barrier Diode |
| **Package / Case** | SOD-123 |
| **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 40 V |
| **Continuous Forward Current ($I_{F}$)** | 350 mA |
| **Forward Voltage Drop ($V_{F}$)** | ~0.37V @ 20mA |
| **Reverse Recovery Time ($t_{rr}$)** | 10 ns (Typical) |
| **Operating Temperature Range** | -55°C to +125°C |
---
### 2. Key Features and Functions
Schottky diodes like the SD103AW differ from standard PN-junction diodes due to their metal-to-silicon junction.
* **Low Forward Voltage ($V_F$):** It requires less energy to conduct electricity compared to standard diodes (which usually require 0.7V). This results in higher efficiency and less heat generation.
* **Ultra-Fast Switching:** With a recovery time of 10ns, it is suitable for high-frequency rectification and signal processing.
* **Guard Ring Construction:** Integrated guard ring protection for stress protection and long-term reliability.
* **Small Footprint:** The SOD-123 package is ideal for compact PCB designs in mobile or handheld devices.
---
### 3. Common Applications
Due to its characteristics, the SD103AW-CC2-R is commonly found in the following circuits:
1. **Low Voltage Rectification:** Converting AC to DC in low-power power supplies.
2. **Clamping Circuits:** Protecting sensitive IC inputs from overvoltage spikes.
3. **Reverse Polarity Protection:** Preventing damage if batteries or power sources are connected backward.
4. **Freewheeling Diodes:** Used in small inductive load switching (like small relays or motors).
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (e.g., Diodes Inc, Panjit, or Vishay), the suffix generally indicates:
* **SD103AW:** The base model and voltage class (40V).
* **CC2:** Often refers to specific internal chip configurations or lead-frame variations.
* **-R:** Typically denotes "RoHS Compliant" or "Tape and Reel" packaging for automated assembly.
---
- ⤷
What are the main differences between the SD103AW and the SD103BW or SD103CW versions?
- ⤷ How does the power dissipation of the SOD-123 package affect circuit design?
- ⤷ Can this diode be used in high-frequency RF switching applications?