SD18-2R2-R
AI

## SD18-2R2-R Electronic Component Overview
The **SD18-2R2-R** is a high-power density, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD series of surface-mount (SMD) inductors.
### 1. Key Specifications
The following table highlights the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.0323 Ω (Max) |
| **Rated Current (Irms)** | 2.58 A |
| **Saturation Current (Isat)** | 3.32 A |
| **Shielding** | Shielded (Magnetic) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.20mm x 5.20mm x 1.80mm |
---
### 2. Physical Construction and Design
The "SD18" designation refers to the physical dimensions of the part:
* **Form Factor:** Square footprint (approx. 5.2mm) with a very low height (1.8mm), making it ideal for space-constrained electronics.
* **Shielding:** It features a ferrite drum core with a ferrite sleeve (shielded). This minimizes electromagnetic interference (EMI) with surrounding components.
* **Material:** The core is made of Ferrite, which provides high efficiency and low core losses at high frequencies.
### 3. Part Number Breakdown
The nomenclature can be decoded as follows:
1. **SD:** Series name (Shielded Drum).
2. **18:** Size code (refers to the 1.8mm height).
3. **2R2:** Inductance value (2.2 microhenries). The 'R' acts as a decimal point.
4. **R:** RoHS compliant / Lead-free.
---
### 4. Typical Applications
Because of its small size and high current capability, the SD18-2R2-R is commonly found in:
* **DC-DC Converters:** Used in buck, boost, and SEPIC topologies.
* **Mobile Devices:** Smartphones, tablets, and handheld GPS units.
* **Computer Peripherals:** Hard drives and SSDs.
* **Battery Powered Equipment:** Where high efficiency is required to extend battery life.
---
### 5. Technical Considerations
When integrating this part into a circuit, consider the following:
* **Self-Resonant Frequency (SRF):** Ensure the switching frequency of your power supply is well below the SRF of the inductor.
* **Saturation:** The `Isat` value (3.32A) is the point where inductance drops by 30%. Designing too close to this limit can lead to efficiency loss and overheating.
* **Thermal Management:** The `Irms` value (2.58A) is based on a temperature rise of approximately 40°C. High ambient temperatures may require current derating.
- ⤷What is the difference between Irms and Isat in this inductor?
- ⤷ Are there alternative inductors with a smaller footprint but similar 2.2uH inductance?
- ⤷ How does the shielding in the SD18 series reduce EMI?