AI

## Technical Overview: SD18-R82-R Inductor
The **SD18-R82-R** is a high-performance, low-profile **Power Inductor** manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It belongs to the **SD18 Series**, which is designed for applications requiring compact magnetic components with high power density.
---
### 1. Key Specifications
Below are the primary electrical and physical characteristics of the SD18-R82-R:
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.82 µH | Nominal inductance at 100 kHz |
| **Tolerance** | ±20% | Standard manufacturing variance |
| **Rated Current ($I_{rms}$)** | 4.36 Amps | Maximum continuous current (40°C rise) |
| **Saturation Current ($I_{sat}$)** | 6.08 Amps | Current at which inductance drops by 30% |
| **DC Resistance (DCR)** | 0.0162 $\Omega$ | Typical internal resistance at 20°C |
| **Shielding** | Shielded | Ferrite drum core with magnetic epoxy |
| **Footprint Size** | 5.2mm x 5.2mm | Square surface mount base |
| **Height** | 1.8mm | Low profile design |
---
### 2. Core Features
* **Magnetic Shielding:** The part is magnetically shielded, which minimizes Electromagnetic Interference (EMI). This makes it suitable for densely packed PCB layouts where cross-talk between components must be avoided.
* **High Power Density:** Despite its small 1.8mm height, it handles relatively high current (over 4 Amps), making it ideal for modern slim electronics.
* **Ferrite Core Material:** Uses a ferrite core which provides low core losses, ensuring high efficiency in high-frequency switching applications.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS standards.
---
### 3. Common Applications
The SD18-R82-R is typically used in the following circuits:
1. **DC-DC Converters:** Specifically Buck, Boost, and SEPIC converters.
2. **Portable Electronics:** Smartphones, tablets, and wearable devices where vertical space is limited.
3. **Computer Peripherals:** Used in SSDs (Solid State Drives) and high-speed network cards.
4. **LCD Displays:** Voltage regulation for LED backlighting and panel drivers.
---
### 4. Interpretation of Part Number
The part number can be broken down as follows:
* **SD:** Series name (Shielded Drum).
* **18:** Dimensional code (approx. 5.2mm x 1.8mm).
* **R82:** Inductance value (R = decimal point, so 0.82 µH).
* **-R:** RoHS compliant.
- ⤷
What is the difference between Irms and Isat for this specific inductor?
- ⤷ Can this inductor be used in high-frequency switching above 1MHz?
- ⤷ What are the recommended soldering profile settings for the SD18 series?