Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SDS312D

  • AI
    The **SDS312D** typically refers to a high-speed, three-phase rectified Schottky barrier diode or a specific digital readout (DRO) sensor component, depending on the manufacturer. Most commonly, it is categorized as a **Surface Mount Device (SMD)** power diode. --- ### 1. Key Technical Specifications The following table outlines the typical electronic characteristics of the SDS312D: | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Barrier Diode | High-speed switching component. | | **Max. Forward Current ($I_F$)** | 100mA - 200mA | The maximum current the diode can handle. | | **Reverse Voltage ($V_R$)** | 30V | Maximum voltage the diode can block. | | **Package Type** | SOT-23 / SOT-323 | Small outline transistor package (SMD). | | **Configuration** | Triple Diode (Common Cathode) | Three diodes integrated into one package. | | **Forward Voltage Drop ($V_F$)** | ~0.4V to 0.6V | The low voltage drop characteristic of Schottky. | --- ### 2. Core Electronic Parts & Internal Construction #### A. The Schottky Barrier Unlike standard PN junction diodes, the SDS312D uses a **metal-semiconductor junction**. This results in: * **Faster Switching Speeds:** Negligible reverse recovery time ($t_{rr}$). * **Low Power Loss:** Lower heat generation due to the low forward voltage drop. #### B. Triple-Diode Configuration Internally, the SDS312D often contains three diodes arranged in a specific circuit pattern (usually sharing a common cathode or anode). This allows for: 1. **Rectification:** Converting AC signals to DC. 2. **Logic Gates:** Used in low-power high-speed logic circuits. 3. **Clamping:** Protecting sensitive IC inputs from voltage spikes. #### C. Substrate and Packaging * **Silicon Wafer:** The base semiconductor material. * **Lead Frame:** Provides the electrical connection between the silicon die and the PCB. * **Epoxy Resin:** The black outer casing that provides thermal stability and physical protection. --- ### 3. Common Applications The SDS312D is frequently found in the following electronic modules: * **Mobile Devices:** Used for signal detection and battery protection circuits. * **Digital Readouts (DRO):** Used in the signal processing stage of linear scales. * **DC-DC Converters:** Act as a "freewheeling" diode to maintain current flow during switching transitions. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the SOT-23 version of the SDS312D?
    • ⤷ How does the SDS312D compare to a standard 1N4148 switching diode?
    • ⤷ Can the SDS312D be used in high-frequency RF applications?