Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SE2527L-R

  • AI
    ### Overview of the SE2527L-R The **SE2527L-R** is a high-power 2.4 GHz Silicon Germanium (SiGe) Power Amplifier (PA) designed specifically for **IEEE 802.11b/g/n (Wi-Fi)** wireless LAN applications. It is manufactured by Skyworks Solutions. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz - 2.5 GHz | | **Operating Voltage** | 3.3V Nominal | | **Linear Output Power** | +24 dBm (802.11g, 54 Mbps) | | **Gain** | 30 dB (Small Signal) | | **Package Type** | 16-pin QFN (3mm x 3mm x 0.9mm) | | **Technology** | Silicon Germanium (SiGe) | --- ### Core Electronic Components & Architecture The SE2527L-R integrates several critical stages into a single IC to simplify the RF front-end design: 1. **Three-Stage Amplifier:** * The device utilizes a three-stage design to achieve high gain (30 dB). This allows it to amplify weak signals from the Wi-Fi chipset to a level suitable for long-range transmission. 2. **Power Detector:** * It includes a temperature-compensated power detector. This allows the system to monitor the output power in real-time and adjust the gain to stay within regulatory limits (FCC/ETSI). 3. **Input/Output Matching:** * The IC features internal 50 $\Omega$ matching. This reduces the need for complex external tuning components, though external DC blocking capacitors and inductors for bias are still required. 4. **Enable Function (EN Pin):** * A logic-level control pin allows the device to be put into a low-power "shutdown" mode, which is critical for conserving battery life in mobile devices. --- ### Typical Application Circuitry To function correctly, the SE2527L-R requires specific external components: * **Bypass Capacitors:** Placed on the $V_{CC}$ lines to filter out high-frequency noise. * **Inductors (Chokes):** Used on the collector bias lines to provide DC power while preventing RF signals from leaking into the power supply. * **DC Blocks:** Capacitors at the RF Input and RF Output to prevent DC voltage from damaging other RF components (like filters or antennas). --- ### Application Use Cases * **Home Routers:** Providing long-range Wi-Fi coverage for 2.4 GHz bands. * **Access Points:** Enterprise-grade wireless networking hardware. * **PC Cards/USB Dongles:** High-performance wireless adapters for computers.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the SE2527L-R?
    • ⤷ How does the power detector circuit handle temperature compensation?
    • ⤷ What are the recommended operating temperature ranges for this power amplifier?