Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SE2547A-R

  • AI
    ## Overview of the SE2547A-R The **SE2547A-R** is a high-performance, integrated **Dual-Band Wireless LAN (WLAN) Front-End Module (FEM)** manufactured by Skyworks Solutions. It is specifically designed for mobile and portable devices, supporting the IEEE 802.11a/b/g/n standards. --- ### Core Specifications The device integrates several critical RF components into a single compact package to save board space and simplify design. | Parameter | Specification | | :--- | :--- | | **Frequency Bands** | 2.4 – 2.5 GHz and 4.9 – 5.85 GHz | | **Integration** | PA, LNA, Power Detector, and Switches | | **Operating Voltage** | 3.0V to 4.8V | | **Package Type** | QFN (24-pin, 4x4x0.9 mm) | | **Protocol Support** | 802.11a, 802.11b, 802.11g, 802.11n | --- ### Internal Electronic Components The "R" in SE2547A-R typically denotes the RoHS-compliant/Tape & Reel packaging, but the internal circuitry consists of four primary blocks: #### 1. Power Amplifiers (PA) * **Dual-Path Design:** Includes separate internal power amplifiers for the 2.4 GHz and 5 GHz bands. * **Linearity:** Optimized for OFDM modulation (high data rate) to ensure minimal signal distortion. * **Performance:** Provides approximately +17 dBm to +20 dBm output power depending on the band and modulation. #### 2. Low Noise Amplifiers (LNA) * **Bypass Mode:** Includes integrated LNAs with a bypass feature to handle high-strength signals without saturating the receiver. * **Sensitivity:** Designed to improve the receiver's ability to pick up weak signals from the access point. #### 3. Switching Matrix * **T/R Switches:** Integrated Transmit/Receive switches eliminate the need for external PIN diodes or GaAs switches. * **Antenna Diversity:** Manages the signal path between the internal PA/LNA and the antenna port. #### 4. Power Detector * **Voltage Logic:** Includes a temperature-compensated power detector for each band. * **Purpose:** Provides a closed-loop feedback system to the baseband processor to accurately control the output power levels. --- ### Key Applications Due to its high integration, the SE2547A-R is commonly found in: 1. **Smartphones and Tablets:** Where PCB real estate is at a premium. 2. **Laptops/Ultrabooks:** Integrated into Wi-Fi cards (M.2 or mini-PCIe). 3. **Access Points:** Small-form factor home routers. --- ### Schematic Block Diagram Logic ```mermaid graph LR subgraph SE2547A-R A[2.4GHz Input] --> B[2.4G PA] C[5GHz Input] --> D[5G PA] B --> E[Switch Matrix] D --> E E <--> F[Antenna Port] E --> G[2.4G/5G LNA] G --> H[RX Output] end ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption levels for the SE2547A-R during peak transmission?
    • ⤷ Does this FEM require external impedance matching components on the PCB?
    • ⤷ How does the 'bypass mode' in the LNA affect battery life in mobile devices?