Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SE2550BL-R

  • AI
    ## Overview of SE2550BL-R The **SE2550BL-R** is a highly integrated **Front-End Module (FEM)** specifically designed for **802.11b/g/n WLAN (Wi-Fi)** applications. It is part of the Skyworks Solutions (formerly SiGe Semiconductor) product line, optimized for 2.4 GHz wireless communication systems. --- ### Core Specifications The following table summarizes the key electrical and physical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Frequency Range** | 2.4 GHz – 2.5 GHz | | **Integrated Components** | Power Amplifier (PA), LNA, Switch, Harmonic Filter | | **Operating Voltage** | 3.0V to 3.6V | | **Pout (802.11g)** | +18 dBm @ < 3.0% EVM | | **Pout (802.11b)** | +21 dBm (compliant with mask) | | **Package Type** | 16-pin QFN (3mm x 3mm x 0.9mm) | | **Lead-Free/RoHS** | Yes | --- ### Key Functional Blocks The SE2550BL-R is known as a "Radio-on-a-Chip" front end because it combines several discrete parts into one tiny package: 1. **Power Amplifier (PA):** Boosts the transmit signal to the level required for antenna transmission while maintaining low distortion (EVM). 2. **Low Noise Amplifier (LNA):** Enhances weak incoming signals from the antenna to improve receiver sensitivity. 3. **Transmit/Receive (T/R) Switch:** A high-speed switch that toggles the antenna between the transmit and receive paths. 4. **Power Detector:** Provides a closed-loop feedback signal to the baseband processor to monitor and control output power levels. 5. **Harmonic Filter:** Suppresses unwanted radio frequency interference to meet regulatory emission standards. --- ### Pin Configuration Example While the physical layout is a 16-pin QFN, the logical connections generally follow this structure: ```cpp // Logic Control Truth Table (Simplified) // ------------------------------------- // Mode | V_EN | RX_EN | ANT_Switch // ------------------------------------- // Transmit | High | Low | Connected to PA // Receive | Low | High | Connected to LNA // Sleep | Low | Low | Ultra-low Current ``` --- ### Typical Applications * **Mobile Handsets:** Due to its small 3x3mm footprint and low power consumption. * **Laptops/Tablets:** Integrated into Wi-Fi cards. * **PCMCIA Cards:** Legacy wireless expansion cards. * **Access Points:** Low-power indoor consumer routers. --- ### Design Considerations * **Thermal Management:** The center pad of the QFN package must be soldered to the PCB ground plane to dissipate heat generated by the Power Amplifier. * **Impedance Matching:** The RF input and output pins are typically pre-matched to 50 ohms, but fine-tuning on the PCB is often required to account for trace parasitics.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings in Sleep mode for the SE2550BL-R?
    • ⤷ How does the EVM performance of this module compare to modern Wi-Fi 6 standards?
    • ⤷ What is the recommended PCB layout strategy for the thermal ground pad?