Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SE5006L-R

  • AI
    ## Overview of the SE5006L-R The **SE5006L-R** is a high-performance, fully integrated Front-End Module (FEM) designed for IEEE 802.11a/n WLAN applications. It is primarily used in the 5 GHz frequency band to provide power amplification, filtering, and switching in a compact form factor. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 5.15 GHz to 5.85 GHz | | **Output Power** | +18 dBm @ 3% EVM (802.11a, 54 Mbps) | | **Gain** | ~28 dB | | **Operating Voltage** | 3.0V to 4.5V | | **Package Type** | 20-pin QFN (4mm x 4mm x 0.9mm) | | **Integration** | Power Amplifier (PA), LNA, and T/R Switch | --- ### Internal Functional Blocks The SE5006L-R integrates several critical electronic components into a single Silicon Germanium (SiGe) BiCMOS die: 1. **Power Amplifier (PA):** * Optimized for high linearity to support OFDM modulation. * Includes a power detector for closed-loop power control to ensure stable output regardless of load mismatch. 2. **Low Noise Amplifier (LNA):** * Designed for the receiver path to boost weak incoming signals while maintaining a low noise figure to improve sensitivity. 3. **Transmit/Receive (T/R) Switch:** * An internal switch that toggles the antenna connection between the transmit (PA) and receive (LNA) paths. 4. **Harmonic Filter:** * Integrated low-pass filtering to suppress harmonic emissions and ensure compliance with FCC/ETSI regulations. --- ### Application Circuit Considerations To implement the SE5006L-R effectively, engineers must focus on several electronic design aspects: * **Impedance Matching:** While the device features internal matching to 50 $\Omega$, external DC blocking capacitors and slight tuning components are often required on the RF ports. * **Thermal Management:** The 20-pin QFN package has a central ground paddle (Exposed Pad) that must be soldered to the PCB ground plane to dissipate heat generated by the PA. * **Decoupling:** High-frequency bypass capacitors (typically 10pF and 0.1$\mu$F) should be placed as close as possible to the $V_{CC}$ pins to minimize noise. --- ### Typical Use Cases * Access Points and Routers * PC Cards and PCMCIA Adapters * Multimedia Over Wireless (Home Entertainment) * High-speed Wireless Data Links
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the SE5006L-R?
    • ⤷ How does the power detector output (Vdet) behave relative to RF output power?
    • ⤷ Are there recommended alternative modules for newer WiFi 6 (802.11ax) standards?