Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SE5007T-R

  • AI
    ## Overview of the SE5007T-R The **SE5007T-R** is a high-performance, integrated Front-End Module (FEM) designed specifically for **IEEE 802.11a/n/ac** WLAN applications (Wi-Fi 5). It operates in the **5 GHz** frequency band and is manufactured by Skyworks Solutions. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and operational characteristics of the SE5007T-R: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 5.15 GHz to 5.85 GHz | | **Operating Voltage** | 3.0V to 4.8V | | **Pout (802.11ac, -35dB DEVM)** | +18 dBm | | **Gain (Transmit)** | 30 dB | | **Receive Gain** | 12 dB | | **Noise Figure** | 2.0 dB | | **Package Size** | 3mm x 3mm x 0.6mm (QFN) | --- ### 2. Functional Components (Integrated Parts) The SE5007T-R is considered a "Front-End Module" because it integrates several distinct electronic stages into a single silicon chip: 1. **Power Amplifier (PA):** The core component that boosts the signal for transmission. It is optimized for linearity to handle high data rate modulations (like 256 QAM). 2. **Low Noise Amplifier (LNA):** This stage is active during reception. It amplifies weak incoming signals from the antenna while adding minimal noise. 3. **Transmit/Receive (T/R) Switch:** An internal RF switch that toggles the antenna between the PA (transmit mode) and the LNA (receive mode). 4. **Power Detector:** A circuit that provides a closed-loop feedback voltage proportional to the output power, allowing the system to regulate transmission strength. 5. **Harmonic Filter:** Integrated filtering to suppress out-of-band emissions and meet regulatory EMI standards. --- ### 3. Application and Usage This component is typically found in space-constrained mobile and networking hardware. * **Target Devices:** Smartphones, tablets, ultrabooks, and high-speed mobile routers. * **Design Benefit:** Because it integrates the matching circuitry and the T/R switch, it significantly reduces the "Bill of Materials" (BOM) and the PCB footprint compared to using discrete components. ### 4. Typical Connection Diagram (Simplified) ```mermaid graph LR RF_In[Transceiver] --> PA[Power Amplifier] PA --> SW[T/R Switch] SW --> Ant[Antenna] Ant --> SW SW --> LNA[Low Noise Amplifier] LNA --> RF_Out[Transceiver] PA -.-> Det[Power Detector] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the -35dB DEVM rating for 802.11ac performance?
    • ⤷ How does the SE5007T-R handle power management to save battery in mobile devices?
    • ⤷ What are the thermal considerations when layout out this chip on a PCB?