Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SE5511T-R

  • AI
    The **SE5511T-R** is a high-performance, integrated Front-End Module (FEM) designed primarily for IEEE 802.11a/n/ac WLAN applications, specifically operating in the **5 GHz** frequency band. It is manufactured by Skyworks Solutions. --- ### ## Technical Overview The SE5511T-R integrates several critical radio frequency (RF) components into a single, compact package to simplify the design of wireless systems like routers, access points, and mobile devices. #### ### Key Components | Component | Function | | :--- | :--- | | **Power Amplifier (PA)** | Amplifies the transmit signal to the required output level. | | **Low Noise Amplifier (LNA)** | Amplifies weak incoming signals while minimizing noise. | | **SPDT Switch** | Handles the switching between Transmit (TX) and Receive (RX) modes. | | **Power Detector** | Provides a closed-loop feedback for output power monitoring. | --- ### ## Key Specifications Below are the typical electrical characteristics for the SE5511T-R: | Parameter | Value | | :--- | :--- | | **Frequency Range** | 5.15 GHz to 5.85 GHz | | **Operating Voltage** | 3.0V to 4.8V (Typical 3.3V) | | **Output Power (802.11ac)** | ~18 dBm @ 1.8% EVM (MCS9) | | **Gain (Transmit)** | ~30 dB | | **Noise Figure (Receive)** | ~2.0 dB | | **Package Type** | QFN (20-pin, 3.0mm x 3.0mm) | --- ### ## Functional Pin Configuration (Simplified) If you are designing a PCB with this part, these are the primary interfaces: 1. **VCC:** Power supply for the Power Amplifier. 2. **TX_IN / ANT:** The RF input for transmission and the antenna output port. 3. **RX_OUT:** The output port for the received signal after LNA amplification. 4. **EN (Enable):** Logic pins used to switch the device between Sleep, TX, and RX modes. 5. **DET:** Analog voltage output proportional to the transmitted RF power. --- ### ## Application Use Cases * **Access Points & Routers:** High-speed home and enterprise networking. * **Set-top Boxes:** High-definition video streaming over Wi-Fi. * **PC Cards & Adapters:** Providing 5 GHz connectivity to legacy hardware. --- ### ## Example Circuit Logic The device logic is controlled via CMOS-compatible pins. A typical state table for the internal switch looks like this: ```c // Mode Selection Logic (Conceptual) if (CPS == HIGH && EN == HIGH) { Mode = TRANSMIT_MODE; // PA Active } else if (CPS == LOW && EN == HIGH) { Mode = RECEIVE_MODE; // LNA Active } else { Mode = LOW_POWER_SLEEP; } ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the SE5511T-R during high-power transmission?
    • ⤷ How does the EVM performance of SE5511T-R compare to newer Wi-Fi 6 (802.11ax) modules?
    • ⤷ Can you provide the specific pinout diagram for the 20-pin QFN package?