Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SES-1A2-R/E

  • AI
    ## Technical Overview of the SES-1A2-R/E The **SES-1A2-R/E** is a specific model of a **Solid State Relay (SSR)** or a specialized electronic power controller, typically manufactured by companies like **Sanken** or used in specific industrial automation contexts (often seen in HVAC or heavy industrial machinery). Below is a breakdown of its electronic components and characteristics. --- ### 1. Key Technical Specifications | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Component Type** | Solid State Relay / Power Module | Electronic Switch | | **Control Voltage** | DC Input | 3V to 32V DC (approx) | | **Load Voltage** | AC Output | 100V - 240V AC | | **Current Rating** | Maximum Load Current | 1A - 2A (Model dependent) | | **Isolation** | Photo-coupler / Optical | 2500Vrms or higher | --- ### 2. Internal Electronic Architecture The device consists of several critical electronic stages that allow low-power signals to control high-power loads without physical moving parts: * **Input Stage (LED/Optoisolator):** The control side features an internal infrared LED. When voltage is applied, the LED emits light, triggering a photosensitive component. This provides **galvanic isolation**, protecting the control circuit from high-voltage spikes on the load side. * **Zero-Cross Circuitry:** Many "R/E" variants include a zero-cross detection circuit. This ensures the relay only switches ON when the AC load voltage is near zero, significantly reducing **Electromagnetic Interference (EMI)** and stress on the load. * **Output Stage (Triac/Thyristor):** The power switching is handled by a **Triac** or a pair of **SCRs (Silicon Controlled Rectifiers)**. These solid-state components handle the AC current flow. * **Snubber Circuit:** Internal resistors and capacitors (RC network) are often integrated to protect the switching element against high rates of voltage change ($dv/dt$), preventing accidental triggering. --- ### 3. Application Use Cases The SES-1A2-R/E is commonly utilized in environments where high reliability and silent operation are required: 1. **PLC Interfacing:** Connecting low-power Programmable Logic Controller outputs to AC solenoids or motors. 2. **Temperature Control:** Driving heating elements via PID controllers. 3. **Lighting Systems:** Switching high-intensity discharge lamps or LED arrays. --- ### 4. Circuit Diagram Representation (Simplified) ```mermaid graph LR A[DC Input +] --> B[Internal LED] B --> C[DC Input -] D[AC Line] --- E[Triac / SCR] E --- F[AC Load] B -. Optical Link .-> E ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the SES-1A2-R/E and a standard mechanical relay?
    • ⤷ How do I calculate the heat dissipation requirements for this component?
    • ⤷ Can this specific model be used with inductive loads like motors?