SES-2B0-R/E2
AI

The **SES-2B0-R/E2** is a high-performance **Fiber Optic Receiver** module, typically utilized in industrial automation, power distribution systems, and communication networks. It is designed to convert optical signals back into electrical signals with high noise immunity.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the module:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Fiber Optic Receiver (Digital) |
| **Data Rate** | Typically up to 5 - 10 MBd (Mega Baud) |
| **Operating Voltage** | 4.75V to 5.25V DC (Standard 5V Logic) |
| **Connector Type** | ST Connector (Bayonet style) |
| **Fiber Type** | Multimode Fiber (Plastic or HCS) |
| **Output Logic** | TTL/CMOS Compatible |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Blocks
The internal electronic architecture of the SES-2B0-R/E2 consists of several critical stages:
1. **Photodiode:** A high-speed PIN photodiode that detects incoming photons and converts them into a weak photocurrent.
2. **Transimpedance Amplifier (TIA):** Converts the low-level current from the photodiode into a usable voltage signal while minimizing noise.
3. **Limiting Amplifier / Quantizer:** Squares up the signal to produce clean digital pulses, ensuring the output is strictly high or low.
4. **Output Driver:** A TTL-compatible stage that allows the module to interface directly with Microcontrollers (MCUs) or FPGAs.
---
### 3. Application Use Cases
Because this part uses fiber optics, it provides **Galvanic Isolation**, making it ideal for the following environments:
* **High Voltage Isolation:** Used in power inverters and motor drives where electrical noise (EMI) is high.
* **Industrial Networking:** RS-485 or CAN bus extension over fiber to prevent ground loops.
* **Medical Equipment:** To ensure patient safety by isolating electrical paths.
---
### 4. Integration Circuit Example
When integrating this part into a PCB, a bypass capacitor is essential to maintain signal integrity:
```c
// Typical Connection Logic
VCC (Pin) ----> +5V DC (with 0.1uF bypass capacitor)
GND (Pin) ----> System Ground
OUT (Pin) ----> Microcontroller RX / Logic Gate
```
- ⤷
What is the maximum transmission distance supported by the SES-2B0-R/E2?
- ⤷ How does the 'R/E2' suffix differ from the standard SES-2B0 model?
- ⤷ Which fiber optic transmitter is recommended for pairing with this receiver?