AI

The **SES-2C4W-R** is a specific model of an **Electronic Sensor Switch**, typically used for cabinet lighting, furniture integration, or proximity-based power control. It operates as a non-contact infrared (IR) switch.
---
### Technical Specifications
Below are the primary electronic characteristics and physical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Type** | IR Sensor Switch (Door Trigger / Hand Wave) |
| **Input Voltage** | 12V - 24V DC |
| **Max Load** | 4A (approx. 48W at 12V / 96W at 24V) |
| **Sensor Range** | 1cm - 10cm (typically) |
| **Output Type** | Constant Voltage |
| **Connector Type** | Usually 4-pin or specific mini-connectors |
---
### Core Electronic Components
The internal circuitry of the SES-2C4W-R consists of four main functional sections:
#### 1. Infrared Transceiver (The Eye)
* **IR Emitter:** An LED that constantly pulses infrared light.
* **IR Receiver (Photodiode):** Detects the reflection of the IR light. When an object (like a door or hand) comes within range, the light bounces back to this diode.
#### 2. Control IC (The Brain)
* An integrated circuit (ASIC or Microcontroller) processes the signal from the IR receiver.
* It filters out ambient light noise to prevent accidental triggering.
* It determines the "Logic Mode" (e.g., Door Mode: Light ON when door is open; Hand Wave Mode: Toggle ON/OFF).
#### 3. Power MOSFET (The Switch)
* Unlike mechanical switches, this uses a **MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) to handle the electrical load.
* This allows for silent switching and high durability since there are no moving parts to wear out.
#### 4. Protection Circuitry
* Includes **resistors** and **capacitors** for voltage stabilization.
* Often includes **Reverse Polarity Protection** to prevent the device from burning out if the +/- wires are connected incorrectly.
---
### Wiring & Logic Configuration
The "2C" in the model name often refers to its dual-channel or dual-control capability, while "4W" typically denotes a 4-wire configuration (V+, V-, LED+, LED-).
* **Door Mode (Default):** When the sensor is blocked (door closed), the circuit is OPEN (Light OFF). When the blockage is removed (door open), the circuit CLOSES (Light ON).
* **Wave Mode:** Passing a hand over the sensor toggles the state from ON to OFF or vice versa.
- ⤷How do I change the mode from 'Door Trigger' to 'Hand Wave' on this sensor?
- ⤷ What is the maximum wattage this sensor can handle at 24V?
- ⤷ Can this sensor be used with dimmable LED strips?