Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SES-2CB-R/E2

  • AI
    The **SES-2CB-R/E2** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Wire-Wound Chip Inductor** or a specific type of **Current Sense Resistor/Emitter**, depending on the manufacturer (most commonly associated with high-precision circuit protection or signal filtering). Below is a detailed breakdown of its technical characteristics and internal parts. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Passive Surface Mount Device (SMD) | | **Mounting Style** | Surface Mount (SMT) | | **Terminal Material** | Tin-plated (Sn) or Silver-Palladium (AgPd) | | **Packaging** | Tape and Reel (indicated by the /E2 suffix) | | **Typical Application** | Power supply circuits, RF filtering, or Signal conditioning | --- ### 2. Breakdown of Internal Parts & Materials The construction of the SES series usually involves four primary electronic elements: #### A. Core Material The "heart" of the component is typically a **Ceramic or Ferrite core**. * **Ceramic:** Used for high-frequency applications where low inductance and high stability are required. * **Ferrite:** Used for power applications to provide higher inductance values and better magnetic shielding. #### B. Winding (Conductor) The internal conductive path consists of high-purity **Copper (Cu) wire**. In the SES-2CB series, this wire is precision-wound around the core to achieve specific impedance or inductance values. #### C. Termination (Electrodes) The "R" in the part number often refers to the termination style or a specific resistance tolerance. The electrodes are multi-layered: 1. **Base Layer:** Usually Silver (Ag) for conductivity. 2. **Barrier Layer:** Nickel (Ni) to prevent "leaching" during soldering. 3. **Outer Layer:** Tin (Sn) for excellent solderability. #### D. Coating/Encapsulation The exterior is covered in an **Epoxy Resin** or a molded plastic compound. This protects the delicate internal windings from moisture, oxidation, and mechanical stress. --- ### 3. Part Number Suffix Decoding Understanding the `/E2` and other suffixes is critical for procurement and assembly: * **SES-2CB:** The base series designation (Size and Electrical characteristics). * **-R:** Often signifies a specific tolerance (e.g., ±0.5% or ±1%) or "Reel" orientation. * **-E2:** This is a standard industry suffix for **Embossed Carrier Taping**. It indicates how the parts are fed into automated Pick-and-Place machines. --- ### 4. Common Applications * **Mobile Devices:** Used in power management ICs (PMICs). * **Automotive:** Found in sensor modules due to its high thermal stability. * **Telecommunications:** Utilized in high-speed data line filtering. ---
    ✨ Follow-up Questions
    • ⤷What is the specific inductance or resistance value for the SES-2CB-R/E2?
    • ⤷ Can this component be used in high-temperature automotive environments?
    • ⤷ What are the physical dimensions/case size of the SES-2CB series?