Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SFECF10M7GA00-R0_17

  • AI
    The **SFECF10M7GA00-R0** is a specific type of electronic component known as a **Ceramic Filter**, manufactured by Murata Manufacturing. It is primarily used in communication devices to allow specific frequencies to pass through while blocking others. ### 1. General Specifications The part belongs to the **SFECF** series, which consists of small, high-performance surface-mount (SMD) ceramic filters designed for FM broadcasting and intermediate frequency (IF) stages. | Parameter | Specification | | :--- | :--- | | **Nominal Center Frequency** | 10.700 MHz | | **3dB Bandwidth** | 280 kHz ± 50 kHz | | **Insertion Loss** | 3.0 dB to 4.5 dB (max) | | **Input/Output Impedance** | 330 $\Omega$ | | **Operating Temperature** | -20°C to +80°C | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Description This component operates on the principle of **piezoelectricity**. It converts electrical signals into mechanical vibrations at a specific resonant frequency and then converts them back into electrical signals. #### Key Features: * **Selectivity:** It provides high attenuation of adjacent channels, which is critical for clear signal reception in radio environments. * **Miniaturization:** Its small SMD footprint allows for use in compact portable devices like smartphones and handheld radios. * **Stability:** Offers excellent temperature stability, ensuring the center frequency does not drift significantly during operation. --- ### 3. Application Areas The SFECF10M7GA00-R0 is ubiquitous in RF (Radio Frequency) circuits. Common applications include: 1. **FM Radios:** Used in the IF (Intermediate Frequency) stage to filter the 10.7 MHz signal. 2. **AV Equipment:** Found in home theater receivers and tuners. 3. **Wireless Communication:** Used in various transceivers where signal isolation is required. 4. **Automotive:** Integrated into car audio systems for stable radio reception. --- ### 4. Circuit Symbol and Integration In a schematic, this part is represented as a three-terminal filter (Input, Output, and Ground). ```text [ Ceramic Filter ] IN ---|-------|-------|--- OUT | | | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this ceramic filter and a crystal filter?
    • ⤷ How does the bandwidth of 280 kHz affect FM signal quality?
    • ⤷ What are the soldering precautions for SMD ceramic filters?