Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SFECF10M7GA00S0-R0_V01

  • AI
    The **SFECF10M7GA00S0-R0** is a high-performance surface-mount (SMD) ceramic filter manufactured by **Murata Electronics**. It is specifically designed for intermediate frequency (IF) stages in FM receivers. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Center Frequency (fc)** | 10.700 MHz | | **3dB Bandwidth** | 230 kHz ± 50 kHz | | **Insertion Loss** | 3.0 dB to 4.5 dB (max) | | **Input/Output Impedance** | 330 Ω | | **Operating Temperature** | -20°C to +80°C | | **Package Type** | Chip (SMD) - 3.45mm x 3.1mm | --- ### 2. Core Functional Components This part functions as a **Bandpass Filter**. Its internal structure and operation rely on the following electronic principles: * **Piezoelectric Element:** The core is a ceramic resonator made of PZT (Lead Zirconate Titanate). It converts electrical signals into mechanical vibrations and back, allowing only specific frequencies (near 10.7 MHz) to pass through. * **Monolithic Structure:** The "SFECF" series uses a proprietary Murata design that integrates the electrodes and the ceramic material into a tiny chip, reducing parasitic capacitance. * **Three-Terminal Configuration:** 1. **Input:** Where the modulated IF signal enters. 2. **Ground:** Central terminal for noise suppression and circuit reference. 3. **Output:** Where the filtered 10.7 MHz signal is sent to the FM discriminator or demodulator. --- ### 3. Application Circuitry In a standard circuit, this filter is placed between the Mixer and the IF Amplifier. Because it has a specific impedance (330 Ω), matching resistors are often required if the IC impedance differs. ```cpp // Typical Signal Flow [Mixer Stage] -> [Matching Network] -> [SFECF10M7 Filter] -> [IF Amp/Limiter] ``` --- ### 4. Key Advantages * **Selectivity:** It provides sharp "skirts" (attenuation) to block neighboring radio stations, ensuring clear reception. * **Size:** Its small SMD footprint makes it ideal for compact consumer electronics like smartphones, car stereos, and portable radios. * **Stability:** High resistance to vibration and thermal drift compared to older through-hole (leaded) filters. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 230kHz bandwidth model and a narrower 'E' type filter?
    • ⤷ How do I calculate the matching network if my IC impedance is 1k Ohm?
    • ⤷ Is this part compatible with lead-free reflow soldering processes?