Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SFELF10M7GAA0-R0

  • AI
    The **SFELF10M7GAA0-R0** is a specific type of **Ceramic Filter** manufactured by **Murata Electronics**. It is primarily used in FM radio receivers to select the desired frequency while rejecting interference. --- ### 1. Technical Specifications The part belongs to the **SFELF** series, which is characterized by its small size and surface-mount (SMD) design. | Parameter | Specification | | :--- | :--- | | **Nominal Center Frequency (fo)** | 10.700 MHz | | **3dB Bandwidth** | 230 kHz ± 50 kHz | | **Insertion Loss** | 3.0 dB max. | | **Input/Output Impedance** | 330 $\Omega$ | | **Operating Temperature** | -20°C to +80°C | | **Mounting Type** | Surface Mount (SMD) | | **Packaging** | Tape & Reel (indicated by the "-R0" suffix) | --- ### 2. Internal Structure and Operation This component functions based on the **Piezoelectric Effect**. Inside the ceramic package, there are specialized ceramic resonators. * **Frequency Selection:** It allows the 10.7 MHz Intermediate Frequency (IF) signal to pass through while significantly attenuating frequencies outside the 230 kHz bandwidth. * **Material:** It uses Lead Zirconate Titanate (PZT) ceramics, which provide high stability and a high Q-factor (quality factor). * **Filter Type:** It is a bandpass filter specifically designed for FM broadcasting standards. --- ### 3. Application Areas The SFELF10M7GAA0-R0 is typically found in the "Intermediate Frequency" (IF) stage of radio communication circuits: * **Consumer Electronics:** FM radio tuners in home stereos and portable players. * **Automotive:** Car audio systems for stable radio reception. * **Communication:** Small wireless data modules operating with an FM modulation scheme. --- ### 4. Part Number Breakdown Murata part numbers follow a specific nomenclature: * **SFELF:** Series name (Ceramic Filter for FM). * **10M7:** Frequency (10.7 MHz). * **GAA0:** Internal design code (defines bandwidth and loss characteristics). * **R0:** Packaging code (180mm diameter plastic tape and reel).
    ✨ Follow-up Questions
    • ⤷How does the bandwidth of a ceramic filter affect audio quality?
    • ⤷ What are the common alternatives to the SFELF series for high-fidelity audio?
    • ⤷ How do I match the 330 Ohm impedance to a standard 50 Ohm system?