SFG2E-R001
AI

The **SFG2E-R001** is a specialized electronic component typically associated with high-precision current sensing or power management modules, often used in industrial or automotive applications.
### 1. Component Overview
The SFG2E-R001 is primarily a **Shunt Resistor** or a **Current Sense Resistor**. It is designed to measure current flow by creating a small voltage drop that can be read by a controller or an Analog-to-Digital Converter (ADC).
| Attribute | Typical Specification |
| :--- | :--- |
| **Component Type** | Metal Alloy Shunt Resistor |
| **Resistance Value** | 1 mΩ (0.001 Ω) |
| **Power Rating** | High Power (often 3W to 7W depending on package) |
| **Tolerance** | ±1% or ±0.5% |
| **TCR (Temp. Coeff.)** | Very Low (e.g., ±50 ppm/°C) |
---
### 2. Key Technical Features
* **Low Resistance Value:** The "R001" in the part number indicates a resistance of **1 milliohm**. This allows for high current measurement with minimal power loss (heat) according to $P = I^2 \times R$.
* **Four-Terminal Construction (Kelvin Connection):** Many versions of this part use a 4-terminal design. Two terminals carry the main current, while two separate terminals measure the voltage. This eliminates errors caused by the resistance of the lead wires.
* **Stability:** Built using electron-beam welded metal strips (often Manganin or NiCr alloys) to ensure that the resistance does not change significantly as the component heats up.
---
### 3. Application Circuits
In a typical electronic system, the SFG2E-R001 is placed in series with the load. The voltage drop is then processed as follows:
```cpp
// Logic for Current Calculation in a Microcontroller
float shunt_resistor = 0.001; // 1 mOhm
float voltage_drop = read_adc_voltage();
// Ohm's Law: I = V / R
float current_amps = voltage_drop / shunt_resistor;
```
---
### 4. Typical Applications
1. **Battery Management Systems (BMS):** Monitoring the charge and discharge cycles of Lithium-ion packs.
2. **Motor Controllers:** Providing feedback to the inverter to prevent over-current conditions.
3. **Power Supplies:** Used in DC-DC converters for current-mode control loops.
4. **Automotive Electronics:** Measuring current in Electronic Power Steering (EPS) or braking systems.
- ⤷
What are the physical dimensions of the SFG2E-R001 package?
- ⤷ Can this resistor handle currents exceeding 50 Amps?
- ⤷ How does a 4-terminal Kelvin connection improve sensing accuracy?