SHT40-AD1F-R3
AI

## Overview of the SHT40-AD1F-R3
The **SHT40-AD1F-R3** is a high-precision digital humidity and temperature sensor manufactured by **Sensirion**. It belongs to the 4th generation of Sensirion’s environmental sensors, designed for low power consumption, high accuracy, and a small form factor.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface** | I2C (Digital) |
| **Supply Voltage (VDD)** | 1.08 V to 3.6 V |
| **Current Consumption** | 0.25 µA (Idle), 80 µA (Average measurement) |
| **RH Accuracy** | ±1.8% RH |
| **Temperature Accuracy** | ±0.2 °C |
| **Operating Range** | 0 to 100% RH; -40 to 125 °C |
| **Package Type** | 4-pin DFN (Dual Flat No-leads) |
| **Dimensions** | 1.5 x 1.5 x 0.5 mm |
---
### Core Electronic Components & Features
#### 1. CMOSens® Technology
The sensor integrates both the **sensing element** and the **signal processing circuitry** on a single CMOS chip. This integration minimizes noise and ensures high stability over long periods.
#### 2. Digital Interface (I2C)
The "AD1F" variant typically refers to a specific I2C address configuration.
* **Standard Address:** 0x44.
* **Communication:** Provides fully calibrated digital outputs, eliminating the need for external Analog-to-Digital Converters (ADCs).
#### 3. Integrated Heater
The chip includes a programmable internal power heater. This is used for:
* **Self-decontamination:** Removing condensed water or volatile organic compounds (VOCs) in harsh environments.
* **Creep compensation:** Maintaining accuracy in high-humidity conditions.
#### 4. Power Management
The device is optimized for battery-powered applications. It supports a wide supply voltage range (1.08V to 3.6V), making it compatible with modern low-voltage microcontrollers (MCUs) without needing level shifters.
---
### Pin Configuration (DFN-4)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **SDA** | Serial Data (I2C) |
| 2 | **SCL** | Serial Clock (I2C) |
| 3 | **VDD** | Supply Voltage |
| 4 | **VSS** | Ground |
---
### Typical Application Circuit
To ensure stable operation, a simple decoupling capacitor and pull-up resistors are required:
```c
// Schematic Representation
[VDD] ----+-----------+------- (Supply 1.8V - 3.3V)
| |
[100nF] [10k Ohm Pull-ups]
| | |
[VSS] ----+ | |
| | |
[SHT40] [SDA] [SCL]
```
---
- ⤷
What are the differences between the SHT40 and the older SHT3x series?
- ⤷ How do you activate the integrated heater using I2C commands?
- ⤷ What are the recommended reflow soldering profiles for this DFN package?