Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SI8711CD-B-IM

  • AI
    The **SI8711CD-B-IM** is a high-performance, digital isolator designed by Skyworks Solutions (formerly Silicon Labs). It is specifically engineered to replace aging optocoupler technology by using CMOS-based galvanic isolation. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical and physical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Isolation Rating** | 5.0 kVrms | | **Input Type** | Digital (Logic Level) | | **Number of Channels** | 1 Channel | | **Data Rate** | Up to 15 Mbps | | **Propagation Delay** | 30 ns (Typical) | | **Supply Voltage (VDD)** | 3.0V to 5.5V | | **Package Type** | LGA-8 (5x5 mm) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Internal Components & Technology The SI8711 series differs from traditional optocouplers in several fundamental ways: ### A. CMOS Isolation Barrier Unlike optocouplers that use an LED and a phototransistor, the SI8711 uses **capacitive isolation**. It employs a semiconductor-based "RF" transmitter and receiver separated by a high-voltage silicon dioxide (SiO2) dielectric. ### B. Emulated Input Circuit The "Input" stage is designed to be "pin-compatible" with optocouplers. It features an **emulator circuit** that mimics the behavior of a LED. This allows engineers to drop this chip into designs originally intended for optos without changing the drive circuitry significantly. ### C. Output Driver The output is a robust CMOS push-pull stage. This eliminates the need for external pull-up resistors (often required by open-collector optocouplers) and provides much sharper signal edges. --- ## 3. Advantages over Traditional Optocouplers 1. **Reliability:** LEDs in optocouplers degrade over time (CTR degradation). The SI8711 uses CMOS technology, which does not age significantly, leading to a much longer service life. 2. **Speed:** With a propagation delay of ~30ns and low jitter, it is significantly faster than standard high-speed optocouplers. 3. **Power Efficiency:** It consumes much less power on the input side because it doesn't require high current to drive an LED. 4. **Common Mode Transient Immunity (CMTI):** It boasts high immunity (typically 35 kV/µs or higher), making it stable in noisy industrial environments like motor drives. --- ## 4. Typical Applications * **Industrial Automation:** PLC (Programmable Logic Controllers) and sensor interfaces. * **Power Supplies:** Isolated Switch Mode Power Supplies (SMPS). * **Motor Control:** Isolated gate drive signals. * **Data Communications:** Level shifting and ground loop elimination in RS-485 or CAN bus systems.
    ✨ Follow-up Questions
    • ⤷ How does the SI8711 compare to the SI8710 variant?
    • ⤷ What are the specific pinout requirements for the LGA-8 package?
    • ⤷ Can the SI8711 be used for high-side gate driving?